Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS401 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # FS401
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS401 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button FS401 Datasheet HTML 43Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 44Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 45Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 46Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 47Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 48Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 49Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 50Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
47
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
4.5.20 Contrast Coefficient
Contrast Coefficient Low (26)
7
6
5
4
3
2
1
0
0
0
CON5
CON4
CON3
CON2
CON1
CON0
Contrast Coefficient High (27)
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
Register
Bit#
Bit Name
Description
26
5-0
CON5-0
Contrast Coefficient bits [5:0] The Contrast Coefficient
provides a luma gain adjustment in the Luma Encoder. Contrast
has an implicit denominator of 32.
Range: {0:[63]}
Example: CON = 21 hex; 33 decimal; has a luma gain of 33/32 = 1.03 for a 3% increase in contrast.
CON = 1f hex; 31 decimal; has a gain of 31/32 = .97; for a 3% decrease in contrast



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com