Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS401 Datasheet(PDF) 80 Page - List of Unclassifed Manufacturers

Part # FS401
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS401 Datasheet(HTML) 80 Page - List of Unclassifed Manufacturers

Back Button FS401 Datasheet HTML 76Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 77Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 78Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 79Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 80Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 81Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 82Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 83Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 84Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
80
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
0
0.1
0.2
0.3
0.4
0.5
10
9
8
7
6
5
4
3
2
1
0
1
Horizontal
14 Degrees
27 Degrees
45 Degrees
Normalized Vertical Frequency
Figure 10: FLK = 16, SHP = 16; Response at Horizontal, 14, 27, 45 Degrees
5.2 Frame Store Controller
The Frame Store Controller (FSC) coordinates pixel data transfer between the FS400 and the Frame
buffer. For normal operation, a 16 Mbit SDRAM is connected to the frame store controller port.
Supported SDRAM parts include:
NEC
µPD451616G5-A10
NEC
µPD4516161AG5-A10B
Samsung
KM416S1120A-G/F10
Samsung
KM416S1020CT-F10
LG
GM72V161621CT-10
MOSEL VITALIC
V-54C316162T-10
Hyundai
HY57V161610BTC-10
The refresh of data in the SDRAM is accomplished through the continual update of the video output
display. Therefore, any SDRAM selected must meet the frame rate maximum delay of the selected
video. The worst case delay time is for PAL systems (25 frames/s) requiring a retention time of 40ms or
greater.
Data from the Capture Engine is written into the frame store in parallel with the extraction of data for the
encoder engine. Read and write buffers at the data port allow data to be transferred in bursts without
interruption of the overall flow of pixels. Bandwidth of the FSC bus is 80 MHz or 100 MHz, sufficient to
support maximum rate write cycles from the Capture Engine simultaneously with full rate Encoder Engine
read cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com