Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS401 Datasheet(PDF) 65 Page - List of Unclassifed Manufacturers

Part # FS401
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS401 Datasheet(HTML) 65 Page - List of Unclassifed Manufacturers

Back Button FS401 Datasheet HTML 61Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 62Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 63Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 64Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 65Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 66Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 67Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 68Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 69Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
65
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
4.5.37 TVL – TV Lines
TV Lines Low (76)
7
6
5
4
3
2
1
0
TVL7
TVL6
TVL5
TVL4
TVL3
TVL2
TVL1
TVL0
TV Lines High (77)
7
6
5
4
3
2
1
0
TVL15
TVL14
TVL13
TVL12
TVL11
TVL10
TVL9
TVL8
Description:
Tells the internal controller the total number of usable lines on the output device.
If the value written to TVL is beyond the limit, the new mode will not be calculated and the ERROR bit in
SSR will be set.
Any change to TV_CLK, PROG_INT, or PAL_NTSC fields in the HCRS register causes the internal
micro-controller to initialize TVL register to a default value appropriate to the new output mode.
TV Mode
TVL
NTSC
412
PAL
496
VGA
480
SVGA
600
100Hz PAL
540
Progressive NTSC (720x480)
412
Super NTSC (1280x480)
412
Super PAL (1280x575)
496
Range:
{+128 : +2047}
Reset Value:
0x019C (412.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com