Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS401 Datasheet(PDF) 96 Page - List of Unclassifed Manufacturers

Part # FS401
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS401 Datasheet(HTML) 96 Page - List of Unclassifed Manufacturers

Back Button FS401 Datasheet HTML 92Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 93Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 94Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 95Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 96Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 97Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 98Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 99Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 100Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
96
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
7.2 FS400 Design and Layout Considerations
Careful circuit design and layout are key factors that insure a successful implementation of the FS400 in
a product. The following guidelines will help insure that your design yields the best possible results.
7.2.1 Video Input to A-D Converters
• Consider using a higher capacitor value and a lower resistor value in the input filter. For example, use
100
Ω and 100pF instead of 220Ω and 47pF. This will reduce noise at the ADC input.
• Place the input lowpass filter shunt capacitor as close as possible to the input pin on the FS400. This
capacitor acts as a reservoir of charge for the ADC’s input sampling circuitry, and limits the voltage
kickback from the sampling process.
• Make the video input traces to the A-D converters as short as possible. Do not route other signal
traces (especially clocks!) parallel to these traces, or close to the ADC inputs of the FS400. External
interference coupled into the video can easily be discerned by the eye at very low levels.
• Consider adding diodes to VDDAD and VSSAD on these lines to reduce the risk of ESD damage to the
FS400.
7.2.2 Input ADC Phase Lock Loop
• The analog supply for the ADC PLL should always be clean and noise free to insure minimum jitter in
the PLL. This applies regardless of the PLL used, internal or external. Do not power other circuitry
from the PLL supply.
• When using the internal PLL, the supply line VDDPA should be decoupled with a series resistor of 150Ω
and a 4.7
µF tantalum capacitor. If 50/60Hz ripple is an issue, consider using 47 or 100µF. Always
have a 1000pF to 0.1
µF capacitor to remove high frequency noise.
• Do not run other traces (especially clocks) near an external PLL.
• Use a solid ground plane under the FS400.
7.2.3 Memory Clock Phase Lock Loop
• When using an external PLL for the memory clock, series terminate the clock line, and keep the traces
as short as possible to reduce EMI.
• Avoid using an even multiple of the 4fSC clock as your memory clock. This increases EMI since
multiples of the clocks that overlap are additive.
7.2.4 External SDRAM Interface
• Keep the traces from the FS400 to the external SDRAM as short as possible. Series terminate the
RAS\, CAS\, and FSCK_OUT as close as possible to the FS400. Consider series terminating the
address lines as well for further EMI reduction.
• Keep other traces, especially analog traces, away from the traces associated with the SDRAM. In
addition to 0.1
µF bypass capacitors, consider adding 100 to 1000pF capacitors to reduce higher
frequency noise on the power supply.
7.2.5 HSYNC and VSYNC
• The HSYNC and VSYNC inputs to the FS400 should be low pass filtered. 150
Ω and 100pF work well.
Consider termination on these lines if the input cable length gives rise to significant reflections,
undershoot and overshoot.
• Consider adding diodes to VDD and VSS on these lines to reduce the risk of ESD damage to the FS400.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com