Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS401 Datasheet(PDF) 62 Page - List of Unclassifed Manufacturers

Part # FS401
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS401 Datasheet(HTML) 62 Page - List of Unclassifed Manufacturers

Back Button FS401 Datasheet HTML 58Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 59Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 60Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 61Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 62Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 63Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 64Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 65Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 66Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
62
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
4.5.34 HPP – Horizontal Pan Position
Horizontal Pan Position Low (70)
7
6
5
4
3
2
1
0
HPP7
HPP6
HPP5
HPP4
HPP3
HPP2
HPP1
HPP0
Horizontal Pan Position High (71)
7
6
5
4
3
2
1
0
HPP15
HPP14
HPP13
HPP12
HPP11
HPP10
HPP9
HPP8
Description:
This controls the horizontal pan window position. A value of 0 will set the pan window to the left edge of
the input image. As HPP increases, the pan window will move to the right.
HPP only has meaning if the ZOOM bit in HCRES is 1.
If the value written to HPP is beyond the internally calculated limit, the maximum (or minimum in case of a
negative number) will be written back to the HPP register. An external processor can then read HPP to
determine if the last value written to HPP was beyond the limit.
NOTE: It can take up to 25ms for the internal micro-controller calculates the limits for HPO, VPO, HSS,
VSS, HPP, and VPP. These registers should not be read until 10ms after writing to any of these registers.
Range:
{-32768 : +32767} 2’s Complement
Reset Value:
0x0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com