Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS401 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # FS401
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS401 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button FS401 Datasheet HTML 32Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 33Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 34Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 35Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 36Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 37Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 38Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 39Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
36
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
4.5.9 CR - Command Register
Command Register Low (10)
7
6
5
4
3
2
1
0
PEDSTL
CBP
LNTCH
YCOFF
COMPOFF
ADCOFF
CLKOFF
RESET
Command Register High(11)
7
6
5
4
3
2
1
0
0
0
OFMT1
OFMT0
PAL_NTSC PROG_INT
TV_CLK1
TV_CLK0
Reg
Bit#
Bit Name
Description
10
0
RESET
0: run
1: reset video pipeline (control registers are not affected)
10
1
CLKOFF
0: FS400 clocks powered on.
1: FS400 clocks powered off.
10
2
ADCOFF
0: A/D converter powered on.
1: A/D converter powered off.
10
3
COMPOFF
0: Composite D/A converter powered on.
1: Composite D/A converter powered off.
10
4
YCOFF
0: Y/C & Chroma D/A converter powered on.
1: Y/C & Chroma D/A converter powered off.
10
5
LNTCH
0: Bypass luminance notch filter.
1: Insert luminance notch filter.
10
6
CBP
0: Bypass chroma bandpass filter.
1: Insert chroma bandpass filter.
10
7
PEDSTL
0: Bypass pedestal
1: Insert US NTSC black pedestal
11
3-0
TV_CLK1-0
TV Clock Select
00 = 4FSC crystal or oscillator
01 = non-subcarrier crystal or oscillator
10 = 8FSC crystal or oscillator
11
2
PROG_INT
0 = Interlaced Output
1 = Progressive Output
11
3
PAL_NTSC
0 = NTSC
1 = PAL
11
5-4
OFMT1-0
Output Format
00 = Y/C and Composite Video
01 = RGB
1x = YUV
Typical Output Mode Settings:
TV Mode
TV_CLK
PROG_INT
PAL_NTSC
NTSC
0
0
0
PAL
0
0
1
VGA
2
1
0
SVGA
2
1
1
100Hz PAL
1
0
1
Progressive NTSC (720x480)
1
1
0
Super NTSC (1280x480)
2
0
0
Super PAL (1280x575)
2
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com