Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 103 Page - Intel Corporation

Part # 5000
Description  Dual-Core Intel Xeon Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

5000 Datasheet(HTML) 103 Page - Intel Corporation

Back Button 5000 Datasheet HTML 96Page - Intel Corporation 5000 Datasheet HTML 97Page - Intel Corporation 5000 Datasheet HTML 98Page - Intel Corporation 5000 Datasheet HTML 99Page - Intel Corporation 5000 Datasheet HTML 100Page - Intel Corporation 5000 Datasheet HTML 101Page - Intel Corporation 5000 Datasheet HTML 102Page - Intel Corporation 5000 Datasheet HTML 103Page - Intel Corporation 5000 Datasheet HTML 104Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 103 / 104 page
background image
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
103
Debug Tools Specifications
9
Debug Tools Specifications
Please refer to the eXtended Debug Port: Debug Port Design Guide for UP and DP
Platforms and the appropriate platform design guidelines for information regarding
debug tool specifications. Section 1.3 provides collateral details.
9.1
Debug Port System Requirements
The Dual-Core Intel Xeon Processor 5000 series debug port is the command and
control interface for the In-Target Probe (ITP) debugger. The ITP enables run-time
control of the processors for system debug. The debug port, which is connected to the
FSB, is a combination of the system, JTAG and execution signals. There are several
mechanical, electrical and functional constraints on the debug port that must be
followed. The mechanical constraint requires the debug port connector to be installed in
the system with adequate physical clearance. Electrical constraints exist due to the
mixed high and low speed signals of the debug port for the processor. While the JTAG
signals operate at a maximum of 75 MHz, the execution signals operate at the common
clock FSB frequency. The functional constraint requires the debug port to use the JTAG
system via a handshake and multiplexing scheme.
In general, the information in this chapter may be used as a basis for including all run-
control tools in Dual-Core Intel Xeon Processor 5000 series-based system designs,
including tools from vendors other than Intel.
Note:
The debug port and JTAG signal chain must be designed into the processor board to
utilize the XDP for debug purposes except for interposer solutions.
9.2
Target System Implementation
9.2.1
System Implementation
Specific connectivity and layout guidelines for the Debug Port are provided in the
eXtended Debug Port: Debug Port Design Guide for UP and DP Platforms and the
appropriate platform design guidelines.
9.3
Logic Analyzer Interface (LAI)
Intel is working with two logic analyzer vendors to provide logic analyzer interfaces
(LAIs) for use in debugging Dual-Core Intel Xeon Processor 5000 series systems.
Tektronix and Agilent should be contacted to obtain specific information about their
logic analyzer interfaces. The following information is general in nature. Specific
information must be obtained from the logic analyzer vendor.
Due to the complexity of Dual-Core Intel Xeon Processor 5000 series-based
multiprocessor systems, the LAI is critical in providing the ability to probe and capture
FSB signals. There are two sets of considerations to keep in mind when designing a
Dual-Core Intel Xeon Processor 5000 series-based system that can make use of an LAI:
mechanical and electrical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com