Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 104 Page - Intel Corporation

Part # 5000
Description  Dual-Core Intel Xeon Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

5000 Datasheet(HTML) 104 Page - Intel Corporation

Back Button 5000 Datasheet HTML 96Page - Intel Corporation 5000 Datasheet HTML 97Page - Intel Corporation 5000 Datasheet HTML 98Page - Intel Corporation 5000 Datasheet HTML 99Page - Intel Corporation 5000 Datasheet HTML 100Page - Intel Corporation 5000 Datasheet HTML 101Page - Intel Corporation 5000 Datasheet HTML 102Page - Intel Corporation 5000 Datasheet HTML 103Page - Intel Corporation 5000 Datasheet HTML 104Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 104 / 104 page
background image
Debug Tools Specifications
104
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
9.3.1
Mechanical Considerations
The LAI is installed between the processor socket and the processor. The LAI plugs into
the socket, while the processor plugs into a socket on the LAI. Cabling that is part of
the LAI egresses the system to allow an electrical connection between the processor
and a logic analyzer. The maximum volume occupied by the LAI, known as the keepout
volume, as well as the cable egress restrictions, should be obtained from the logic
analyzer vendor. System designers must make sure that the keepout volume remains
unobstructed inside the system. Note that it is possible that the keepout volume
reserved for the LAI may include differerent requirements from the space normally
occupied by the heatsink. If this is the case, the logic analyzer vendor will provide a
cooling solution as part of the LAI.
9.3.2
Electrical Considerations
The LAI will also affect the electrical performance of the FSB, therefore it is critical to
obtain electrical load models from each of the logic analyzer vendors to be able to run
system level simulations to prove that their tool will work in the system. Contact the
logic analyzer vendor for electrical specifications and load models for the LAI solution
they provide.
§



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com