Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460TR Datasheet(PDF) 64 Page - STMicroelectronics

Part # L6460TR
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460TR Datasheet(HTML) 64 Page - STMicroelectronics

Back Button L6460TR Datasheet HTML 60Page - STMicroelectronics L6460TR Datasheet HTML 61Page - STMicroelectronics L6460TR Datasheet HTML 62Page - STMicroelectronics L6460TR Datasheet HTML 63Page - STMicroelectronics L6460TR Datasheet HTML 64Page - STMicroelectronics L6460TR Datasheet HTML 65Page - STMicroelectronics L6460TR Datasheet HTML 66Page - STMicroelectronics L6460TR Datasheet HTML 67Page - STMicroelectronics L6460TR Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 139 page
background image
Power bridges
L6460
64/139
Doc ID 17713 Rev 1
side power MOS for the whole off time. In fast decay mode the current is recirculated
through the high and low side power MOS opposite respect to those forcing current to
increase. Mixed decay mode is a selectable mix of the previous two modes (fast decay
followed by slow decay) and allows the user to find the best trade off between load current
ripple and fast current levels transition. Additionally, by setting the
SeqMixedOnlyInDecreasingPh bit in the StpCfg1 register, the user can choose to apply the
fast decay percentage in mixed mode always or only when the current is decreasing (i.e
from 90° to 180° and from 270° to 360° of the sinusoidal wave).
By using SPI interface the user can choose:
●
Control type (external firmware control, half step, normal drive, wave drive, micro-step).
●
Up to 16 current levels (quasi-sinusoidal increments) for each bridge.
●
Current direction.
●
Decay mode.
●
Blanking time.
●
Off time (32 values from 2
µs to 64µs).
●
Percentage of fast decay respect to toff (when in mixed decay mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com