Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460TR Datasheet(PDF) 74 Page - STMicroelectronics

Part # L6460TR
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460TR Datasheet(HTML) 74 Page - STMicroelectronics

Back Button L6460TR Datasheet HTML 70Page - STMicroelectronics L6460TR Datasheet HTML 71Page - STMicroelectronics L6460TR Datasheet HTML 72Page - STMicroelectronics L6460TR Datasheet HTML 73Page - STMicroelectronics L6460TR Datasheet HTML 74Page - STMicroelectronics L6460TR Datasheet HTML 75Page - STMicroelectronics L6460TR Datasheet HTML 76Page - STMicroelectronics L6460TR Datasheet HTML 77Page - STMicroelectronics L6460TR Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 139 page
background image
Power bridges
L6460
74/139
Doc ID 17713 Rev 1
Here after are summarized the primary features of the regulator(s):
–
Synchronous rectification
–
Automatic low side disabling when current in the inductance reaches 0 to optimize
efficiency at low load
–
Pulse skipping control
–
Internally generated PWM
–
Cycle by cycle current limiting using internal current sensor
–
Protected against load short circuit
–
Soft start circuitry
–
Under voltage signal (both continuous and latched) accessible through serial
interface.
Figure 19.
Regulator block diagram
Depending on the load current, there could be the necessity to add a Schottky diode on
output to reduce internal thermal dissipation. This diode must be placed near to the pin and
must be fast recovery and low series resistance type.
For detail about pulse skipping please refer to main switching regulator Section 13.3 on
page 54.
The output voltage will be externally set by a divider network connected on feedback pin. To
reduce as much as possible the regulation voltage error L6460 has the possibility to switch
between four regulator feedback voltage references (and, as a consequence, four under-
Vout
La
Vsupply
Half Bridge OUT
C
High Side
Driver
Control
Logic
CurrentSense
Charge pump Voltage
GPIO USED as FB
Voltage
Loop Control
Regulator Ref
-
+
Under voltage
Threshold
Filter
Ra
Rb
Low Side
Driver
From Central Logic
Regulator Freq
-
+
To Central Logic
Obtained using spare analo
g
/di
gital blocks
BridgeSense
Vref= 0.8V
N.C.
N.C.
Vref=3V
SelFBRef



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com