Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460TR Datasheet(PDF) 75 Page - STMicroelectronics

Part # L6460TR
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460TR Datasheet(HTML) 75 Page - STMicroelectronics

Back Button L6460TR Datasheet HTML 71Page - STMicroelectronics L6460TR Datasheet HTML 72Page - STMicroelectronics L6460TR Datasheet HTML 73Page - STMicroelectronics L6460TR Datasheet HTML 74Page - STMicroelectronics L6460TR Datasheet HTML 75Page - STMicroelectronics L6460TR Datasheet HTML 76Page - STMicroelectronics L6460TR Datasheet HTML 77Page - STMicroelectronics L6460TR Datasheet HTML 78Page - STMicroelectronics L6460TR Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 139 page
background image
L6460
Power bridges
Doc ID 17713 Rev 1
75/139
voltage thresholds) using serial interface. The feedback reference voltage is selected by
writing the SelFBRef[1:0] bits in the Aux1SwCfg or Aux2SwCfg registers.
The switching regulators have four possible PWM duty cycles that can be changed using
SPI according to Table 28.
14.1.7
Regulation loop
As seen before L6460 contains 2 regulation loops for switching regulators that are used
when bridge 3 is used as a regulator. These loops are assembled using internal
comparators and filters similar to that used in main switching regulator.
When bridge 3 is not used for this purpose or when only one regulation loop is needed, the
control loop is available on a GPIO output thus enabling the customer to assembly a basic
buck switching regulator using an external Power FET. The comparators used in the above
mentioned regulation loops are general purpose low voltage (3.3 V) comparators; when the
relative regulation loop is not used they can be accessed as shown in the Figure 20.
Figure 20.
Internal comparator functional block diagram
Table 28.
PWM specification
AuxXPWMTable[1:0]
Typical duty cycle value
Comments
00
10%
01
13%
Default state for AUX1
10
24%
Default state for AUX2
11
61%
GPIOz
GPIOx
GPIOx
DECODE
LOGIC
GPIOy
GPIOy
DECODE
LOGIC
GPIOz Logic
Driver
+
V3v3
GPIOz
DECODE
LOGIC
GPIOz Value From SPI
GPIOzMod
e
GPIOyMode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com