Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460TR Datasheet(PDF) 45 Page - STMicroelectronics

Part # L6460TR
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460TR Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L6460TR Datasheet HTML 41Page - STMicroelectronics L6460TR Datasheet HTML 42Page - STMicroelectronics L6460TR Datasheet HTML 43Page - STMicroelectronics L6460TR Datasheet HTML 44Page - STMicroelectronics L6460TR Datasheet HTML 45Page - STMicroelectronics L6460TR Datasheet HTML 46Page - STMicroelectronics L6460TR Datasheet HTML 47Page - STMicroelectronics L6460TR Datasheet HTML 48Page - STMicroelectronics L6460TR Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 139 page
background image
L6460
Power saving modes
Doc ID 17713 Rev 1
45/139
10
Power saving modes
Saving power is very important for today platforms: L6460 implements different functions to
achieve different levels of power saving. Sections here below describe these different power
saving modes.
10.1
Standby mode
Almost all low voltage circuitry inside L6460 are powered by V3v3 internal regulator; this
regulator is a linear regulator powered by VSupplyInt. This means that all the current provided
by V3v3 regulator is directly coming from VSupplyInt and therefore the total power
consumption is:
Low voltage power = VSupply* IV3v3.
because VSupplyInt is feeded by VSupply, directly or with a resistor in series.
This power could be reduced by using a switching buck regulator to supply V3v3: in this
case, assuming the buck regulator efficiency near to 100%, the dissipated power would
become:
Low voltage power
≈ 3.3V * I
V3v3.
To achieve this result there is the need to switch off the internal V3v3 linear regulator and to
use an additional pin to provide a 3.3 V supply to internal circuits. L6460 can do this by
using the low voltage switch implemented on GPIO6 pin. This switch internally connects
VGPIO_SPI voltage to GPIO6 output so, by externally connecting GPIO6 to V3v3 pin, the
VGPIO_SPI voltage can be provided to low voltage circuitry inside L6460.
Figure 7.
Standby mode function description
The StdByMode bit used to switch off V3v3 and switch on the power switch can be set to ‘1’
by writing the standby command in the StdByMode register. L6460 exits standby mode if a
reset event happens or “Low Power mode” is selected.
Because all internal low voltage circuitry powered by V3v3 are designed to work with a 3.3V
voltage rail, when the standby mode is used, VGPIO_SPI is requested to be at 3.3V.
3.3V
GPIO6
VGPIOSpi
VSupplyInt
V3v3
Regulator
-
+
StdByMode
3.3 V
1.9 V
0
1
External
connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com