Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460TR Datasheet(PDF) 89 Page - STMicroelectronics

Part # L6460TR
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460TR Datasheet(HTML) 89 Page - STMicroelectronics

Back Button L6460TR Datasheet HTML 85Page - STMicroelectronics L6460TR Datasheet HTML 86Page - STMicroelectronics L6460TR Datasheet HTML 87Page - STMicroelectronics L6460TR Datasheet HTML 88Page - STMicroelectronics L6460TR Datasheet HTML 89Page - STMicroelectronics L6460TR Datasheet HTML 90Page - STMicroelectronics L6460TR Datasheet HTML 91Page - STMicroelectronics L6460TR Datasheet HTML 92Page - STMicroelectronics L6460TR Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 139 page
background image
L6460
Low voltage power switches
Doc ID 17713 Rev 1
89/139
18
Low voltage power switches
Low voltage power switches are analog switches designed to operate from a single +2.4 V
to +3.6 V VGPIO_SPI supply. They are intended to provide and remove power supply to low
voltage devices. When switched on, they connect the VGPIO_SPI pin to their output pin
(GPIO[6] for low voltage power switch 1 or GPIO[7] for low voltage power switch 2) thus
powering the device connected to it. The turning on and off of each switch can be controlled
through serial interface.
L6460 provides 2 low voltage power switches, each of them has current limitation to
minimum 150mA to limit inrush current when charging a capacitive load. When the limit
current has been reached, for more than a Tfilter time, then a flag is activated; this flag is
latched in the central logic and can be cleared by the firmware. Please note that, in case of
capacitive load, the current limit is reached the first time the low power switch is turned on:
therefore the user will find a limit flag that must be cleared.
The 2 low voltage power switches can be externally paralleled to obtain a single super low
voltage power switch. Low voltage pass switches sink current needed for their functionality
from pin VGPIO_SPI, they never inject current on this pin.
Figure 27.
Low power switch block diagram
EnLowVSw[x]
GPIO[6] (LPS 1)
or
GPIO[7] (LPS 2)
Current
Limit
Sensor
VGPIO_SPI
LowVSwIlim[x]
To SPI
S
R
LowVSwIlimLth[x]
ClrLowVrSwLth
Reset State
GPIO[6]/GPIO[7]
Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com