Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460TR Datasheet(PDF) 33 Page - STMicroelectronics

Part # L6460TR
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460TR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L6460TR Datasheet HTML 29Page - STMicroelectronics L6460TR Datasheet HTML 30Page - STMicroelectronics L6460TR Datasheet HTML 31Page - STMicroelectronics L6460TR Datasheet HTML 32Page - STMicroelectronics L6460TR Datasheet HTML 33Page - STMicroelectronics L6460TR Datasheet HTML 34Page - STMicroelectronics L6460TR Datasheet HTML 35Page - STMicroelectronics L6460TR Datasheet HTML 36Page - STMicroelectronics L6460TR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 139 page
background image
L6460
Supervisory system
Doc ID 17713 Rev 1
33/139
state. This stretch time can be selected by setting the ID[1:0] bits in the SampleID register
according to following table.
When nRST_int becomes active (logic level = “0”) it sets in their reset state some of the
functions inside L6460. The main functions that will be reset by nRST_int signal are the
following:
–
Serial interface will be reset and will not accept any other command.
–
The bridges 1 and 2 will place their outputs in high impedance and PWM and
direction signals will be reset.
–
AD converter will be powered off.
–
GPIOs will be powered off.
–
Current DAC will be powered off.
–
Operational amplifiers will be powered off.
–
Watchdog count will be reset (while Watchdog flags won’t be reset).
–
Interrupt controller will be powered off.
–
Digital comparator will be powered off.
Additionally the system regulators will be powered off but only if the voltage that caused the
nRST_int event is checked before the system regulator in the power up sequence. This
means that:
–
all system regulators will be powered off if nRST_int is caused by VSupply,
VSupplyInt, VPump (and also if V3v3 causes a POR);
–
no one of the system regulators will be powered off if nRST_int is caused by
VGPIO_SPI;
–
only the system regulators that follows the system regulator that caused the
nRST_int in power up sequence will be powered off.
Table 6.
Stretch time selection
ID[1]
ID[0]
Selected stretch time
Note
Typ
0
0
16ms
Default state
01
32ms
10
48ms
11
64ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com