Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460TR Datasheet(PDF) 66 Page - STMicroelectronics

Part # L6460TR
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460TR Datasheet(HTML) 66 Page - STMicroelectronics

Back Button L6460TR Datasheet HTML 62Page - STMicroelectronics L6460TR Datasheet HTML 63Page - STMicroelectronics L6460TR Datasheet HTML 64Page - STMicroelectronics L6460TR Datasheet HTML 65Page - STMicroelectronics L6460TR Datasheet HTML 66Page - STMicroelectronics L6460TR Datasheet HTML 67Page - STMicroelectronics L6460TR Datasheet HTML 68Page - STMicroelectronics L6460TR Datasheet HTML 69Page - STMicroelectronics L6460TR Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 139 page
background image
Power bridges
L6460
66/139
Doc ID 17713 Rev 1
The allowable control modes are as follows:
1.
Stepping sequence left to external microcontroller: in this mode the current level in
each motor winding is set by the microcontroller via the serial interface.
2.
Full step: in this mode the electrical angle will change by 90° steps at each StepReq
signal transition. There are two possibilities:
–
Normal step (two phases on): in normal step mode both windings are energized
simultaneously and the current will be alternately reversed. The resulting electrical
angles will be 45°, 135°, 225° and 315°.
–
Wave drive (one phase on): In wave drive mode each winding is alternately
energized and reversed. The resulting electrical angles will be 90°, 180° and 270°
and 360°.
3.
Half step: in this mode, one motor winding is energized and then two windings
alternately so the electrical angles the motor will do when rotating in clockwise direction
and using the same current limit in both the phases are: 45°, 90°, 135°, 180°, 225°,
270°, 315° and 360°.
4.
Microstepping: in this mode the current in each motor winding has a quasi sinusoidal
profile. The increment between each step is obtained at each transition of StepCmd bit
in StepCmd register. The difference between each step could be chosen (4, 8 or 16
levels for each phase) according to following table:
Note:
When in 1/16 step mode, the best phase approximation of sinusoidal wave, is obtained by
repeating the “F” step as follows: 0, 1, 2, 3, … , D, E, F, F, F, E, D, … , 3, 2, 1, 0
When internal stepping sequence generation is used, the stepping direction is set by the
StepDir bit according to the Table 23.
Table 21.
Sequencer driver
StepFromGpio
Sequencer driver
0
StepCmd bit in StepCmd register.
1
GPIO12 input pin.
Table 22.
Stepper driving mode
StepCtrlMode[2:0]
Control mode
Description
000 or 111
No Control
Stepping sequence control left to the external
controller
001
Half Step
Half step
010
Normal Step
Full step (two phases on)
011
Wave Drive
Full step (one phase on)
100
1/4 Step
Four micro steps
101
1/8 Step
Eight micro steps
110
1/16 Step
Sixteen micro steps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com