Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460TR Datasheet(PDF) 40 Page - STMicroelectronics

Part # L6460TR
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460TR Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L6460TR Datasheet HTML 36Page - STMicroelectronics L6460TR Datasheet HTML 37Page - STMicroelectronics L6460TR Datasheet HTML 38Page - STMicroelectronics L6460TR Datasheet HTML 39Page - STMicroelectronics L6460TR Datasheet HTML 40Page - STMicroelectronics L6460TR Datasheet HTML 41Page - STMicroelectronics L6460TR Datasheet HTML 42Page - STMicroelectronics L6460TR Datasheet HTML 43Page - STMicroelectronics L6460TR Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 139 page
background image
Start-up configurations
L6460
40/139
Doc ID 17713 Rev 1
8.2
Basic device mode
The basic device mode is selected by leaving the GPIO[0] pin floating. In this mode L6460
doesn’t use GPIO[3] and GPIO[4] as configuration pins, leaving them free for other uses.
When in this mode the regulators included in the start up sequence (except VSWmain) are
considered as system regulators and they start in the following sequence:
1.
Auxiliary switching regulator1 (VAUX1_SW).
2.
Auxiliary switching regulator2 (VAUX2_SW).
3.
Main linear regulator (VSWmain).
4.
Main switching regulator (VSWmain) (Not system regulator).
Table 9.
Start-up correspondence
Pin state(1)
1.
“X” means “don’t care”.
Major mode
Minor mode(2)
2.
The description of these modes is in the following Chapter 8.6
GPIO[0]
GPIO[3]
GPIO[4]
ZX
X
Basic
000
Single
Bridge
0
0
Z
Primary regulator
001
Regulators
0
Z
0
Simple regulator
0
Z
Z
Bridge + VEXT (3)
3.
VEXT is the regulator output voltage obtained using the switching regulator controller with external FET.
0
Z
1
Secondary regulators
010
Master
Bridge
0
1
Z
Primary regulator
011
Regulators
1
0
0
Simple regulator
1
0
Z
Bridge + VEXT (3)
1
0
1
Secondary regulators
1Z0
Slave
Bridge
1
Z
Z
Primary regulator
1
Z
1
Regulators
1
1
0
Simple regulator
1
1
Z
Bridge + VEXT (3)
1
1
1
Secondary regulators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com