Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460TR Datasheet(PDF) 69 Page - STMicroelectronics

Part # L6460TR
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460TR Datasheet(HTML) 69 Page - STMicroelectronics

Back Button L6460TR Datasheet HTML 65Page - STMicroelectronics L6460TR Datasheet HTML 66Page - STMicroelectronics L6460TR Datasheet HTML 67Page - STMicroelectronics L6460TR Datasheet HTML 68Page - STMicroelectronics L6460TR Datasheet HTML 69Page - STMicroelectronics L6460TR Datasheet HTML 70Page - STMicroelectronics L6460TR Datasheet HTML 71Page - STMicroelectronics L6460TR Datasheet HTML 72Page - STMicroelectronics L6460TR Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 139 page
background image
L6460
Power bridges
Doc ID 17713 Rev 1
69/139
Table 25.
Internal sequencer
Control mode
Typical output
current (% of IMAX)
Resulting
electrical
angle
Half
step
Full step
(2 phases
on)
Full step
(1 phase
on)
1/4
step
1/8
step
1/16
step
Phase A
(sin)
Phase B
(cos)
Electrical
degrees
1
1
1
1
1
70.7
70.7
45°
2
77.3
63.4
50.6°
2
3
83.1
55.6
56.2°
4
88.2
47.1
61.9°
2
3
5
92.4
38.3
67.5°
6
95.7
29.0
73.1°
4
7
98.1
19.5
78.8°
8
100
9.8
84.4°
2
1
3
5
9
100
HiZ
90°
10
100
-9.8
95.6°
6
11
98.1
-19.5
101.2°
12
95.7
-29.0
106.9°
4
7
13
92.4
-38.3
112.5°
14
88.2
-47.1
118.1°
8
15
83.1
-55.6
123.8°
16
77.3
-63.4
129.4°
3
2
5
9
17
70.7
-70.7
135°
18
63.4
-77.3
140.6°
10
19
55.6
-83.1
146.2°
20
47.1
-88.2
151.9°
6
11
21
38.3
-92.4
157.5°
22
29.0
-95.7
163.1°
12
23
19.5
-98.1
168.8°
24
9.8
-100
174.4°
4
2
7
13
25
HiZ
-100
180°
26
-9.8
-100
185.6°
14
27
-19.5
-98.1
191.2°
28
-29.0
-95.7
196.9°
8
15
29
-38.3
-92.4
202.5°
30
-47.1
-88.2
208.1°
16
31
-55.6
-83.1
213.8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com