Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460TR Datasheet(PDF) 48 Page - STMicroelectronics

Part # L6460TR
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460TR Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L6460TR Datasheet HTML 44Page - STMicroelectronics L6460TR Datasheet HTML 45Page - STMicroelectronics L6460TR Datasheet HTML 46Page - STMicroelectronics L6460TR Datasheet HTML 47Page - STMicroelectronics L6460TR Datasheet HTML 48Page - STMicroelectronics L6460TR Datasheet HTML 49Page - STMicroelectronics L6460TR Datasheet HTML 50Page - STMicroelectronics L6460TR Datasheet HTML 51Page - STMicroelectronics L6460TR Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 139 page
background image
Linear main regulator
L6460
48/139
Doc ID 17713 Rev 1
11
Linear main regulator
The linear main regulator is directly powered by VSupply voltage and it is one of the
regulators that L6460 could consider as a system regulator. This means that the voltage
generated by this regulator is not used to power any internal circuit, but L6460 will check
that the feedback voltage VLINmain_FB is in the good value range before enabling all its
internal functions. When an under-voltage event (with a duration longer than period tprim_uv
defined by the deglitch filter) is detected during normal operation, L6460 will enter in reset
state and it will signal this event to the microcontroller by pulling low the nRESET pin and
disabling most of its internal blocks.
Here are summarized the primary features of the regulator:
–
Regulated output voltage from 0.8V to VSupply-2V with a maximum load of 10mA.
–
Band gap generated internal reference voltage.
–
Short circuit protected (output current is clamped to 22mA typ).
–
Under voltage signal (both continuous and latched) accessible through serial
interface.
–
Low power dissipation mode.
The internal series element is a P-channel MOS device. The voltage regulator will regulate
its output so that feedback pin equals VLINmain_FB, therefore the regulated voltage can be
calculated using the formula:
VLINmain_OUT = VLINmain_ref *(Ra+Rb)/Rb
Figure 9.
Linear main regulator
To extend the output current capability this regulator can be used as a controller for an
external active component able to provide higher current (i.e. a Darlington device); the
external power element allows the handling of an higher current since it dissipates the
power externally (the power dissipated by a linear driver supplied at VSupply and regulating a
voltage VLINmain_OUT with an output current IOUT is about: Pd= (VSupply-VLINmain_OUT)*IOUT.
VLINmain_ref
Cc
Ra
Rb
+
-
Body Diode
Vsupply
VLINmain_OUT
VLINmain_FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com