Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460TR Datasheet(PDF) 42 Page - STMicroelectronics

Part # L6460TR
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460TR Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L6460TR Datasheet HTML 38Page - STMicroelectronics L6460TR Datasheet HTML 39Page - STMicroelectronics L6460TR Datasheet HTML 40Page - STMicroelectronics L6460TR Datasheet HTML 41Page - STMicroelectronics L6460TR Datasheet HTML 42Page - STMicroelectronics L6460TR Datasheet HTML 43Page - STMicroelectronics L6460TR Datasheet HTML 44Page - STMicroelectronics L6460TR Datasheet HTML 45Page - STMicroelectronics L6460TR Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 139 page
background image
Start-up configurations
L6460
42/139
Doc ID 17713 Rev 1
8.6.2
Primary regulator mode (KP)
In this configuration bridge 4 can be configured by firmware while bridge 3 is configured as
two separate synchronous switching regulators. The last regulator in the sequence
(VAUX2_SW) is not considered a system regulator.
When in this mode the power-up sequence is:
1.
Auxiliary switching regulator1 (VAUX1_SW).
2.
Main switching regulator (VSWmain) together with main linear regulator (VLINmain).
3.
Auxiliary switching regulator2 (VAUX2_SW) (Not system regulator).
8.6.3
Regulators mode
In this configuration bridge 4 can be configured by firmware while bridge 3 is configured as
two separate synchronous switching regulators, but the start up sequence is different
previous one.
When in this mode the power-up sequence is:
1.
Main switching regulator (VSWmain).
2.
Auxiliary switching regulator1 (VAUX1_SW)
3.
Auxiliary switching regulator2 (VAUX2_SW)
8.6.4
Simple regulator mode (KT)
Also in this configuration bridge 4 can be configured by firmware while bridge 3 is configured
as two separate synchronous switching regulators. The last regulator in the sequence
(VSWmain) is not considered a system regulator.
When in this mode the power-up sequence is:
1.
Auxiliary switching regulator1 (VAUX1_SW).
2.
Auxiliary switching regulator2 (VAUX2_SW)
3.
Main linear regulator (VLINmain)
4.
Main switching regulator (VSWmain) (not system regulator).
8.6.5
Bridge + VEXT mode
In this configuration bridges 3 and 4 are not used as regulators and the regulator obtained
using the switching regulator controller (VSWDRV) is included in start-up.
When in this mode the power-up sequence is:
1.
Main switching regulator (VSWmain).
2.
Switching regulator controller regulator (VSWDRV).
3.
Main linear regulator (VLINmain).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com