Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460TR Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6460TR
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460TR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6460TR Datasheet HTML 21Page - STMicroelectronics L6460TR Datasheet HTML 22Page - STMicroelectronics L6460TR Datasheet HTML 23Page - STMicroelectronics L6460TR Datasheet HTML 24Page - STMicroelectronics L6460TR Datasheet HTML 25Page - STMicroelectronics L6460TR Datasheet HTML 26Page - STMicroelectronics L6460TR Datasheet HTML 27Page - STMicroelectronics L6460TR Datasheet HTML 28Page - STMicroelectronics L6460TR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 139 page
background image
L6460
Electrical specifications
Doc ID 17713 Rev 1
25/139
Cin
Input sampling capacitance
(36)
4pF
ADC with A2DType=1 (37)
IMR
Measurement range
A2dType = 1
0
V3v3
V
INL
Integral non-linearity
A2dType = 1 (30)(31)
±1
LSB
DNL
Differential Non-Linearity
A2dType = 1 (32)(31)
±1
LSB
OE
Offset error
A2dType = 1 (33)
±4
LSB
OEDrift
Offset error drift
A2dType = 1 over time and
temperature
±3
LSB
GE
Gain error
A2dType = 1 (34)
±4
LSB
GEDrift
Gain error drift
A2dType = 1
over time and temperature
±4
LSB
tconv
Minimum conversion time
10
µs
Resolution
9
bits
Cin
Input sampling capacitance
(36)
4pF
Current DAC
VR
Pin voltage operative range
(GPIO8)
(38)
0.7
5.5
V
IOUT_OFF
Output off leakage current
DacValue[5:0] = 000000
-1
+1
µA
IFULL_ERR
Full scale current error
DacRange[1:0] =xx
DacValue[5:0] = 111111
-15
+15
% of
IFULL
typ
INL10_11
Integral non-linearity for 10
and 11 ranges
±2
LSB
DNL10_11
Differential non-linearity for 10
and 11 ranges
±2
LSB
INL01
Integral non-linearity for 01
range
±1
LSB
DNL01
Differential non-linearity for 01
range
±1
LSB
RCurrDac_res
Gpio[8] divider total resistance
45
k
Ω
RCurrDac_ratio
Gpio[8] divider ratio
3/5
tset
Settling time
(39)
5µs
Operational amplifier (40)
VGPIO_SPI
Operational amplifier supply
voltage range
3.15
3.3
3.45
V
VICM
Input common mode voltage
range
0
VGPIO_
SPI
V
VOUT_MAX
Output voltage
ILOAD =± 1mA
0.1
3.2
V
Table 5.
Electrical characteristics (continued)
Parameter
Description
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com