Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460TR Datasheet(PDF) 29 Page - STMicroelectronics

Part # L6460TR
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460TR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L6460TR Datasheet HTML 25Page - STMicroelectronics L6460TR Datasheet HTML 26Page - STMicroelectronics L6460TR Datasheet HTML 27Page - STMicroelectronics L6460TR Datasheet HTML 28Page - STMicroelectronics L6460TR Datasheet HTML 29Page - STMicroelectronics L6460TR Datasheet HTML 30Page - STMicroelectronics L6460TR Datasheet HTML 31Page - STMicroelectronics L6460TR Datasheet HTML 32Page - STMicroelectronics L6460TR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 139 page
background image
L6460
Electrical specifications
Doc ID 17713 Rev 1
29/139
10. Undervoltage rising and falling thresholds are intended as a percentage of feedback pin voltage (VSW_main_FB).
11. This condition is intended to simulate an extra current on output.
12. This condition is intended to simulate a short circuit on output.
13. Rise and fall time are measured between 10% and 90% VSWmain output voltage.
14. Undervoltage rising and falling thresholds are intended as a percentage of feedback pin voltage (VSWDRV_FB).
15. The current protection values must be intended as a protection for the chip and not as a continuous current limitation. The
protection is performed by switching off the output bridge when current reaches values higher than the IOC max. No
protection could be guaranteed for values in the middle range between IMAX and IOC
16. In this cell X stands for 1 or 2, Y stands for A or B
17. In this cell X stands for 3 or 4, Y stands for A or B
18. The current protection thresholds for Bridge 3 and 4 are not selectable so only the max current value
(MtrXSideYILimSel[1:0]= 11) is available.
19. Overcurrent Off time can be configured using SPI.
20. Rise and fall time are measured between 10% and 90% of DC output voltage. With device in full bridge configuration
(resistive load between outputs).
21. Default state for Aux1
22. Default state for Aux2
23. The regulated voltage can be calculated using the formula: VAUX_SW = VFBREF *(Ra+Rb)/Rb.
24. Undervoltage rising and falling thresholds are intended as a percentage of feedback pin voltage (GPIO1 and/or GPIO2)
25. Rise and fall time is measured between 10% and 90% of output voltage.
26. The external components connected to the pin must be chosen to avoid that the voltage exceeds this operative range.
27. The regulated voltage can be calculated using the formula: VAUX3_SW = VFBREF *(Ra+Rb)/Rb.
28. Undervoltage rising and falling thresholds are intended as a percentage of feedback pin voltage (VREF_FB).
29. The definition of LSB for this table is LSB=IMRmax/(27.5-1).
30. Integral Non Linearity error (INL) is defined as the maximum distance between any point of the ADC characteristic and the
“best straight line” approximating the ADC transfer curve.
31. The ADC ensures monotonic characteristic and no missing codes.
32. Differential nonlinearity error (DNL) is defined as the difference between an actual step width and the ideal width value of 1
LSB.
33. Offset error (OE) is the deviation of the first code transition (000...000 to 000...001) from the ideal (i.e. GND + 0.5 LSB).
34. Gain error (GE) is the deviation of the last code transition (111...110 to 111...111) from the ideal (V3v3 - 0.5 LSB), after
adjusting for offset error.
35. Please note that the result of the conversion will always be a 9-bit word: to speed up the conversion, the resolution is
reduced when the ADC is used in the 8- bit resolution mode.
36. Actual input capacitance depends on the pin that must be converted.
37. The definition of LSB for this table is LSB=IMRmax/(29-1).
38. All parameters are guaranteed in the range between VOL and VR Max.
39. Measured from DacValue[5:0] change in SPI interface.
40. VGPIO_SPI = 3.3 V unless otherwise specified
41. In this section reports the operational amplifier parameters that change when used as comparator.
42.
ΔVi is the differential voltage applied to input pins across the common voltage V
CM.
43. Measured between 50% of input and output signal.
44. Time measured from change in SPI interface to 50% of external pin transition.
45. Measured between nSS rising edge and 50% of Vout.
46. Specification applies to nSS, SCLK and MOSI pins.
47. Current is considered to be positive when flowing towards the IC
48. These times are measured at the pin output between specified VOH and VOL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com