Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460TR Datasheet(PDF) 50 Page - STMicroelectronics

Part # L6460TR
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460TR Datasheet(HTML) 50 Page - STMicroelectronics

Back Button L6460TR Datasheet HTML 46Page - STMicroelectronics L6460TR Datasheet HTML 47Page - STMicroelectronics L6460TR Datasheet HTML 48Page - STMicroelectronics L6460TR Datasheet HTML 49Page - STMicroelectronics L6460TR Datasheet HTML 50Page - STMicroelectronics L6460TR Datasheet HTML 51Page - STMicroelectronics L6460TR Datasheet HTML 52Page - STMicroelectronics L6460TR Datasheet HTML 53Page - STMicroelectronics L6460TR Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 139 page
background image
Main switching regulator
L6460
50/139
Doc ID 17713 Rev 1
12
Main switching regulator
Main switching regulator is an asynchronous switching regulator intended to be the source
of the main voltage in the system. It implements a soft start strategy and could be a system
regulator so even if its output voltage VSWmain is not used to power any internal circuit,
L6460 will check that it is in the good value range before enabling all its internal functions.
When L6460 detects a system regulator under-voltage event with a duration longer than the
period defined by the deglitch filter (tprim_uv), it will enter in reset state signaling this event to
the microcontroller by pulling low the nRESET pin and disabling most of its internal block
(e.g. bridges, GPIOs, …).
The output voltage will be externally set by a divider network connected to feedback pin. To
reduce as much as possible the regulation voltage error L6460 has the possibility to choose
between four feedback voltage references (and, as a consequence, four under-voltage
thresholds) using the serial interface. The feedback reference voltage selection is made by
writing the SelFBRef bits in the MainSwCfg register.
Here after are summarized the primary features of this regulator:
–
Internal power switch.
–
Soft start circuitry to limit inrush current flow from primary supply.
–
Internally generated PWM (250 kHz switching frequency).
–
Nonlinear pulse skipping control.
–
Protected against load short circuit.
–
Cycle by cycle current limiting using internal current sensor.
–
Under voltage signal (both continuous and latched) accessible through SPI.
When L6460 is in “low power mode”, this regulator will be disabled.
In order to save external components and power when using two or more L6460 IC’s on the
same board, the primary switching regulator can be disabled by serial interface. Care must
be paid using this function because an under-voltage on this regulator, as previously seen,
will be read as a fault condition by L6460.
12.1
Pulse skipping operation
Pulse skipping is a well known, non linear, control strategy used in switching regulators.
In this technique (see Figure 11) the feedback comparator output is sampled at the
beginning of each switching cycle. At this time, if the sampled value shows that output
voltage is lower than requested one, the complete PWM duty cycle is applied to power
switch; otherwise no PWM is applied and the switching cycle is skipped. Once PWM is
applied to power element only a current limit event can disable the power switch before the
whole duty cycle is finished.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com