Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460TR Datasheet(PDF) 35 Page - STMicroelectronics

Part # L6460TR
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460TR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L6460TR Datasheet HTML 31Page - STMicroelectronics L6460TR Datasheet HTML 32Page - STMicroelectronics L6460TR Datasheet HTML 33Page - STMicroelectronics L6460TR Datasheet HTML 34Page - STMicroelectronics L6460TR Datasheet HTML 35Page - STMicroelectronics L6460TR Datasheet HTML 36Page - STMicroelectronics L6460TR Datasheet HTML 37Page - STMicroelectronics L6460TR Datasheet HTML 38Page - STMicroelectronics L6460TR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 139 page
background image
L6460
Supervisory system
Doc ID 17713 Rev 1
35/139
5.3
Thermal shut down generation circuit
The third component of the supervisory circuit is the thermal shut down generation circuit.
This circuit generates two different flags depending on the IC temperature:
–
the “TSD” flag indicates that the IC temperature is greater than the maximum
allowable temperature.
–
the “Warm” flag, that can be read using serial interface, becomes active at a lower
temperature respect to TSD signal, therefore it can be used to prevent the IC from
reaching over temperature.
When a TSD event occurs, L6460 will enter in the reset state placing the bridges in high
impedance and turning off all regulators and other circuits until the internal temperature
decreases below the Warm temperature. At this point, L6460 will restart the power up
sequence and TSD bit will be set and will be readable as soon as L6460 will come out from
the reset state.
This TSD bit can be reset in three ways:
–
by writing a logic level ‘1’ in the ClearTSD bit in the ICTemp register (see
Chapter 24);
–
by a POR event;
–
by entering in “Low Power Mode”.
The Warm bit, set by L6460 when IC is working over the warming temperature, can be read
using the SPI interface. Once this bit is set it can be reset in three ways:
–
by writing a logic level ‘1’ in the ClearWarm bit;
–
by a POR event;
–
by entering in “Low Power Mode”.
The thermal sensor voltage can be converted using the internal A/D: this way the
microcontroller can directly measure the IC temperature.
To avoid unwanted commutation especially when temperature is near the thresholds, the
output signal is filtered for both TSD and Warm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com