Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460TR Datasheet(PDF) 87 Page - STMicroelectronics

Part # L6460TR
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460TR Datasheet(HTML) 87 Page - STMicroelectronics

Back Button L6460TR Datasheet HTML 83Page - STMicroelectronics L6460TR Datasheet HTML 84Page - STMicroelectronics L6460TR Datasheet HTML 85Page - STMicroelectronics L6460TR Datasheet HTML 86Page - STMicroelectronics L6460TR Datasheet HTML 87Page - STMicroelectronics L6460TR Datasheet HTML 88Page - STMicroelectronics L6460TR Datasheet HTML 89Page - STMicroelectronics L6460TR Datasheet HTML 90Page - STMicroelectronics L6460TR Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 139 page
background image
L6460
Operational amplifiers
Doc ID 17713 Rev 1
87/139
17
Operational amplifiers
L6460 contains two rail to rail output, high bandwidth internally compensated operational
amplifiers supplied by VGPIO_SPI pin. The operative supply range is 3.3 V ± 4.5%
Each operational amplifier can have all pin accessible or, to save pins, can be internally
configured as a buffer. They can also be used as comparators; to do that the user must
disable internal compensation by writing a logic level “1” in the OpXCompMode bit in the
OpAmpXCtrl register.
in Figure 26 are reported the block diagrams of the two operational amplifiers.
Figure 26.
Configurable 3.3 V operational amplifiers
Note:
Op1EnPlusRef and Op2EnPlusRef cannot be used to drive external pin so the user must be
sure not to enable the path between one of these voltage references and the external pin.
GPIO[10]
GPIO[9]
GPIO[11]
To A/D System
VGPIO_SPI
Op1Ref[1:0]
Op1BufConf
Op1EnIntRef
EnOp1
Op1EnMinusPin
Op1EnPlusPin
OpAmp 1
Op1PlusRef
+
-
-
+
EnOp2
Op2EnPlusPin
Op2EnMinusPin
Op2BufConf
Op2EnIntRef
GPIO[13]
GPIO[12]
GPIO[14]
Op1CompMode
Op2CompMode
Op2PlusRef
Op2Ref[1:0]
+
-
VGPIO_SPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com