Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5606S Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  MPC5606S Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 136 page
background image
MPC5606S Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
22
— 8-bit mono
— 8-bit color multiplexed
—RGB565
— 16-bit/18-bit RAW color
•
Supported synchronization modes:
— Embedded ITU-R BT.656-4 (RGB565 mode 2)
— HSYNC, VSYNC
— Data Enable
•
Direct interface with DCU background plane FIFO
•
Synchronization generation for the DCU
1.6.26
Liquid Crystal Display (LCD) driver
The LCD driver module has two configurations allowing a maximum of 160 or 228 LCD segments:
•
Up to 40 frontplane drivers and 4 backplane drivers
•
Up to 38 frontplane drivers and 6 backplane drivers
Each segment is controlled and can be masked by a corresponding bit in the LCD RAM.
Four to six multiplex modes (1/1, 1/2, 1/3, 1/4, 1/5, 1/6 duty), and three bias (1/1, 1/2, 1/3) methods are available. All frontplane
and backplane pins can be multiplexed with other port functions.
The LCD driver module features the following:
•
Programmable frame clock generator from different clock sources:
— System clock
— Internal RC oscillator
•
Programmable bias voltage level selector
•
On-chip generation of all output voltage levels
— LCD voltage reference taken from main 5V supply
•
LCD RAM – contains the data to be displayed on the LCD
— Data can be read from or written to the display RAM at any time
•
End of Frame interrupt:
— To optimize the refresh of the data without visual artefact
— Selectable number of frames between each interrupt
•
Contrast adjustment using programmable internal voltage reference
•
Remapping capability of 4 or 6 backplanes with frontplanes;
— To increase pin selection flexibility
•
In low power modes, the LCD operation can be suspended under software control. The LCD can also operate in low
power modes, clocked by the internal 128 kHz IRC or external 32 KHz crystal oscillator
•
Selectable output current boost during transitions
1.6.27
Stepper Motor Controller (SMC)
The SMC module is a PWM motor controller suitable to drive instruments in a cluster configuration or any other loads requiring
a PWM signal. The motor controller has twelve PWM channels associated with two pins each (24 pins in total).
The SMC module includes the following features:
•
10/11-bit PWM counter
•
11-bit resolution with selectable PWM dithering function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com