Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5606S Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  MPC5606S Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 136 page
background image
MPC5606S Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
30
2.4
Pad configuration during reset phases
All pads have a fixed configuration under reset.
During the power-up phase, all pads are forced to tristate.
After power-up phase, all pads are floating with the following exceptions:
•
PB[5] (FAB) is pull-down. Without external strong pullup the device starts fetching from flash.
•
RESET pad is driven low. This is released only after PHASE2 reset completion.
•
Main oscillator pads (EXTAL, XTAL) are tristate.
•
Nexus output pads (MDO[n], MCKO, EVTO, MSEO) are forced to output.
•
The following pads are pullup:
—PB[6]
—PH[0]
—PH[1]
—PH[3]
—EVTI
2.5
Voltage supply pins
Voltage supply pins are used to provide power to the device. Two dedicated pins are used for 1.2 V regulator stabilization.
There is a preferred power-up sequence for devices in the MPC5606S family. That sequence is described in the following
paragraphs.
Broadly, the supply voltages can be grouped as follows:
•
VREG HV supply (VDDR)
•
Generic IO supply or noise free supply
—VDDA
—VDDE_A
—VDDE_B
—VDDE_C
—VDDE_E
—VDDMA
—VDDMB
—VDDMC
—VDDPLL
•LV supply (VDD12)
The preferred order of ramp up is as follows:
1.
Generic IO supply or noise free supply
2.
VREG HV supply (VDDR - Should be the last HV supply to ramp up. It is also OK if all HV supplies including VDDR
ramp up together)
3.
LV supply
The reason for following this sequence is to ensure that when VREG releases its LVDs, the I/O and other HV segments are
powered properly. This is important because the MPC5606S does not monitor LVDs on I/O HV supplies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com