Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5606S Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  MPC5606S Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 136 page
background image
MPC5606S Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
76
3.8.3
I/O output DC characteristics
The following tables provide DC characteristics for bidirectional pads:
•
Table 31 provides weak pull figures. Both pull-up and pull-down resistances are supported.
•
Table 32 provides output driver characteristics for I/O pads when in SLOW configuration.
•
Table 33 provides output driver characteristics for I/O pads when in MEDIUM configuration (applies to both M1 and
M2 type pads).
•
Table 34 provides output driver characteristics for I/O pads when in FAST configuration.
•
Table 35 provides SMD pad characteristics.
Table 31. I/O pull-up/pull-down DC electrical characteristics 1
1 The pull currents are dependent on the HVE settings.
Symbol
C
Parameter
Conditions2
2 V
DD = 3.3 V  10% / 5.0 V  10%, TA = 40 to 125 °C, unless otherwise specified.
Value
Unit
Min
Typ
Max
|IWPU| CC P Weak pull-up current
absolute value
VIN = VIL, VDD = 5.0V 10%
PAD3V5V = 0
10
—
150
µA
C
PAD3V5V = 13
3 The configuration PAD3V5 = 1 when V
DD = 5 V is only a transient configuration during power-up. All pads but RESET and
Nexus output (MDOx, EVTO, MCKO) are configured in input or in high impedance state.
10
—
250
PVIN = VIL, VDD = 3.3V 10%
PAD3V5V = 1
10
—
150
|IWPD| CC P Weak pull-down current
absolute value
VIN = VIL, VDD = 5.0V 10%
PAD3V5V = 0
10
—
150
µA
C
PAD3V5V = 1
10
—
250
PVIN = VIL, VDD = 3.3V 10%
PAD3V5V = 1
10
—
150
Table 32. SLOW configuration output buffer electrical characteristics
Symbol
C
Parameter
Conditions1
Value
Unit
Min
Typ
Max
VOH CC P Output high level
SLOW configuration
Push Pull, IOH = 2 mA,
VDD = 5.0 V ±10%, PAD3V5V = 0
(recommended)
0.8VDD
——
V
D
Push Pull, IOH = 2 mA,
VDD = 5.0 V ±10%, PAD3V5V = 1
2
0.8VDD
——
C
Push Pull, IOH = 1 mA,
VDD = 3.3 V ±10%, PAD3V5V = 1
(recommended)
VDD  0.8
—
—
VOL CC P Output low level
SLOW configuration
Push Pull, IOL = 2 mA,
VDD = 5.0 V ± 10%, PAD3V5V = 0
(recommended)
—
—
0.1VDD
V
D
Push Pull, IOL = 2 mA,
VDD = 5.0 V ± 10%, PAD3V5V = 1
2
—
—
0.1VDD
C
Push Pull, IOL = 1 mA,
VDD = 3.3 V ± 10%, PAD3V5V = 1
(recommended)
——
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com