Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5606S Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  MPC5606S Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 136 page
background image
MPC5606S Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
71
Table 27. DC electrical characteristics
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 105 °C
TA
Value
Unit
Min
Typ
Max
IDDRUN
2
2 Value is for maximum peripherals turned on. May vary significantly based on different configurations, active peripherals,
operating frequency, etc.
CC P RUN mode current
—
—
130
180
mA
IDDHALT
CC P HALT mode current
—
—
4
25
mA
IDDSTOP
CC P STOP mode current
16 MHz fast internal RC oscillator off,
HPVREG off
25°C
—
250
1800
A
105°C
—
5
20
mA
16 MHz fast internal RC oscillator off,
HPVREG on
25°C
—
2.5
6.5
mA
105°C
—
7
25
mA
IDDSTDBY CC C STANDBY mode current See Table 28
IDDSTDBY1
3
3 ULPreg on, HP/LPVreg off, 8 KB RAM on, device configured for minimum consumption,all possible modules switched off.
CC P STANDBY1 mode current
25°C
—
20
100
A
105°C
—
180
—
A
TJ = 150°C
—
—
350
1500
A
IDDSTDBY2
4
4 ULPreg on, HP/LPVreg off, 32 KB RAM on, device configured for minimum consumption, all possible modules switched off.
CC P STANDBY2 mode current
25°C
—
30
100
A
105°C
—
350
—
A
TJ = 150°C
—
—
600
2500
A
Table 28. IDDSTDBY specification1
1 All current values are typical values.
Temperature
(TA,°C)
FIRC off,
8KB RAM on
FIRC on,
8 KB RAM on
32 kHz SXOSC on,
8 KB RAM on
32 kHz SXOSC on,
all RAM on
3.3V
5.5V
3.3V
5.5V
3.3V
5.5V
3.3 V
5.5V
–40
16
A25 A326 A340 A16 A26 A22 A32 A
018
A29 A334 A347 A19 A29 A26 A37 A
25
23
A33 A342 A355 A24 A34 A34 A45 A
55
41
A51 A363 A377 A42 A53 A69 A80 A
85
93
A
104
A421 A435 A100 A110 A
182
A
195
A
105
173
A
185
A502 A517 A181 A194 A
344
A
358
A
1252
2 Values provided for reference only. The permitted temperature range of the chip is specified separately.
320
A
334
A648 A667 A321 A335 A
620
A
638
A
1502
681
A
698
A
1005
A
1028
A654 A677 A1270 A1300 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com