Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5606S Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  MPC5606S Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 136 page
background image
MPC5606S Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
32
2.8
Debug pins
The debug pins are listed in Table 7.
Table 6. System pin descriptions
System pin
Function
I/O
direction
Pad
type
RESET
config
Pin No.
144 LQFP 176 LQFP
208 MAPBG
A
RESET
Bidirectional reset with
Schmitt-Trigger
characteristics and noise
filter.
I/O
M
Input, weak
pull up
24
24
J1
EXTAL
Analog output of the
oscillator amplifier circuit.
Input for the clock generator
in bypass mode.
X
-
29
29
M1
XTAL
Analog input of the
oscillator amplifier circuit.
Needs to be grounded if
oscillator bypass mode is
used.
IX
-
27
27
K1
VRC_CTRL VREG ballast control gain
25
25
P1
VREG_
BYPASS1
1 VREG_BYPASS should be pulled down externally.
Pin used for factory testing
I
X
-
32
32
M4
Table 7. Debug pin descriptions
Debug pin
Function
Pad
type
I/O
direction
RESET config
Pin number
144 LQFP
176 LQFP
1
208 MAPB
GA
EVTI
Nexus event input
M1
I/O
Input, Pull Up
—
37
T3
EVTO
Nexus event output
M1
I/O
Input, Pull Up
—
35
R3
MCKO
Nexus message clock
output
F
I/O
Input, Pull Up
—
33
T1
MDO0
Nexus message clock
output
M1
I/O
Input, Pull Up
—
38
T5
MDO1
Nexus message clock
output
M1
I/O
Input, Pull Up
—
40
P5
MDO2
Nexus message clock
output
M1
I/O
Input, Pull Up
—
42
P4
MDO3
Nexus message clock
output
M1
I/O
Input, Pull Up
—
44
L4
MSEO
Nexus message clock
output
M1
I/O
Input, Pull Up
—
34
T2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com