Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5606S Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  MPC5606S Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 136 page
background image
MPC5606S Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
99
Table 50. ADC conversion characteristics
Symbol
C
Parameter
Conditions1
1 V
DDA = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 105 °C, unless otherwise specified.
Value
Unit
Min
Typ
Max
VSSA
SR D Voltage on VSSA (ADC
reference) pin with
respect to ground (VSS)
2
—
0.1
—
0.1
V
VDDA
SR D Voltage on VDDA pin
(ADC reference) with
respect to ground (VSS)
—VDD  0.1
—
VDD + 0.1
V
VAINx
SR D Analog input voltage3
—VSSA  0.1
—
VDDA + 0.1
V
fADC
SR D ADC analog frequency
—
6
—
32
MHz
tADC_PU SR D ADC power up delay
—
—
—
1.5
µs
tADC_S
CC T Sample time4,5
fADC = 32 MHz,
ADC_conf_sample_input = 17
0.5
—
—
µs
T
fADC = 6 MHz,
ADC_conf_sample_input = 127
——
21
tADC_C
CC T Conversion time6
fADC = 32 MHz,
ADC_conf_comp = 2
0.625
—
—
µs
CS
CC D ADC input sampling
capacitance
——
—
3
pF
CP1
CC D ADC input pin
capacitance 1
—
——
3
pF
CP2
CC D ADC input pin
capacitance 2
——
—
1
pF
CP3
CC D ADC input pin
capacitance 3
——
—
1
pF
RSW1
CC D Internal resistance of
analog source
—
—
—
1
k
RSW2
CC D Internal resistance of
analog source
——
—
1
k
RAD
CC D Internal resistance of
analog source
——
—
0.1
k
IINJ
SR T Input current Injection
Current injection on one ADC
input, different from the
converted one
5—
5
mA
INL
CC P Integral Non Linearity
No overload
.5
—
2.5
LSB
DNL
CC P Differential Non Linearity No overload
1.0
—
1.0
LSB
OFS
CC T Offset error
After offset cancellation
—
0.5
—
LSB
GNE
CC T Gain error
—
0.6
—
LSB
TUEx
CC P Total unadjusted error for
extended channel
Without current injection
–3
—
3
LSB
T
With current injection
–4
—
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com