Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5606S Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  MPC5606S Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 136 page
background image
MPC5606S Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
101
2
Medium
1
—
15
3
—
10
—
—
40
2.5
—
7
25
1
—
15
5
—
20
—
—
20
2.5
—
7
50
1
—
15
9
—
40
—
—
13
2.5
—
8
100
1
—
15
12
—
70
—
—
7
2.5
—
8
200
3
Fast
1
—6
1—4—
—
100
18
—
55
25
1
—
6
1.5
—
6
—
—
80
18
—
55
50
1
—
6
3
—12—
—40
18—55
100
1
—
6
5
—16—
—25
18—55
200
4
Pull Up/Down
(5.5 V max)
—————
5000
——————
50
Parameter
Classification
DCCC
n/a
1 Propagation delay from V
DD/2 of internal signal to Pchannel/Nchannel on condition
2 Slope at rising/falling edge
Table 53. Pad AC specifications (3.3 V, PAD3V5V = 1)1
No.
Pad
Tswitchon1
(ns)
Rise/Fall2
(ns)
Frequency
(MHz)
Current slew
(mA/ns)
Load drive
(pF)
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
1
Slow
3
—
40
4
—
40
—
—
4
0.01
—
2
25
3
—
40
6
—
50
—
—
2
0.01
—
2
50
3
—
40
10
—
75
—
—
2
0.01
—
2
100
3
—
40
14
—
100
—
—
2
0.01
—
2
200
2
Medium
1
—15
2
—
12
—
—40
2.5
—
7
25
1
—
15
4
—
25
—
—
20
2.5
—
7
50
1
—
15
8
—
40
—
—
13
2.5
—
7
100
1
—
15
14
—
70
—
—
7
2.5
—
7
200
Table 52. Pad AC specifications (5.0 V, PAD3V5V = 0)1 (continued)
No.
Pad
Tswitchon1
(ns)
Rise/Fall2
(ns)
Frequency
(MHz)
Current slew
(mA/ns)
Load drive
(pF)
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com