Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5606S Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  MPC5606S Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 136 page
background image
MPC5606S Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
6
— Includes variable length encoding (VLE) instruction set for smaller code size footprint; with the encoding of
mixed 16-bit and 32-bit instructions, it is possible to achieve significant code size footprint reduction over
conventional Book E compliant code
•
On-chip ECC flash memory with flash controller
— Up to 1 MB primary flash—two 512 KB modules with prefetch buffer and 128-bit data access port
— 64 KB data flash—separate 4
16 KB flash block for EEPROM emulation with prefetch buffer and 128-bit data
access port
•
Up to 48 KB on-chip ECC SRAM with SRAM controller
•
Up to 160 KB on-chip non-ECC graphics SRAM with SRAM controller
•
Memory Protection Unit (MPU) with up to 12 region descriptors and 32-byte region granularity to provide basic
memory access permission
•
Interrupt Controller (INTC) with up to 127 peripheral interrupt sources and eight software interrupts
•
2 Frequency-Modulated Phase-Locked Loops (FMPLLs)
— Primary FMPLL provides a 64 MHz system clock
— Auxiliary FMPLL is available for use as an alternate, modulated or non-modulated clock source to eMIOS
modules and as alternate clock to the DCU for pixel clock generation
•
Crossbar switch architecture enables concurrent access of peripherals, flash memory or RAM from multiple bus
masters (AMBA 2.0 v6 AHB)
•
16-channel Enhanced Direct Memory Access controller (eDMA) with multiple transfer request sources using a DMA
channel multiplexer
•
Boot Assist Module (BAM) supports internal flash programming via a serial link (FlexCAN or LINFlex)
•
Display Control Unit to drive TFT LCD displays
— Includes processing of up to four planes that can be blended together
— Offers a direct unbuffered hardware bit-blitter of up to 16 software-configurable dynamic layers in order to
drastically minimize graphic memory requirements and provide fast animations
— Programmable display resolutions are available up to WVGA
•
Parallel Data Interface (PDI) for digital video input
•
LCD segment driver module with two software programmable configurations:
— Up to 40 frontplane drivers and 4 backplane drivers
— Up to 38 frontplane drivers and 6 backplane drivers
•
Stepper Motor Controller (SMC) module with high-current drivers for up to six instrument cluster gauges driven in
full dual H-Bridge configuration including full diagnostics for short circuit detection
•
Stepper motor return-to-zero and stall detection module
•
Sound generation and playback utilizing PWM channels and eDMA; supports monotonic and polyphonic sound
•
24 eMIOS channels providing up to 16 PWM and 24 input capture / output compare channels
•
10-bit Analog-to-Digital Converter (ADC)
— Maximum conversion time of 1
s
— Up to 16 internal channels, expandable to 23 via external multiplexing
•
Up to 2 Deserial Serial Peripheral Interface (DSPI) modules for full-duplex, synchronous, communications with
external devices (extendable to include up to 8 multiplexed external channels)
•
QuadSPI serial flash memory controller supporting single, dual and quad modes of operation to interface to external
serial flash memory. QuadSPI can be configured to function as another DSPI module (MPC5606S only).
•
2 Local Interconnect Network Flexible (LINFlex) controller modules capable of autonomous message handling
(master), autonomous header handling (slave mode), and UART support. Compliant with LIN protocol rev 2.1
•
2 full CAN 2.0B controllers with 64 configurable buffers each; bit rate programmable up to 1 Mbit/s
•
Up to 4 Inter-integrated circuit (I
2C) internal bus controllers with master/slave bus interface
•
Up to 133 configurable general purpose pins supporting input and output operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com