Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5606S Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  MPC5606S Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 136 page
background image
MPC5606S Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
75
•
Fast pads — These provide maximum speed. There are used for improved NEXUS debugging capability.
•
SMD pads — These provide additional current capability to drive stepper motor loads.
•
Digital I/O with analog (J) pad — These provide input and output digital features and analog input for ADC.
M2 and Fast pads can disable slew rate to reduce electromagnetic emission, at the cost of reducing AC performance.
3.8.2
I/O input DC characteristics
Table 30 provides input DC electrical characteristics as described in Figure 12.
Figure 12. I/O input DC electrical characteristics definition
Table 30. I/O input DC electrical characteristics
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3 V  10% / 5.0 V  10%, TA = 40 to 105 °C.
Value
Unit
Min
Typ
Max
VIH
SR P Input high level CMOS Schmitt trigger
—
0.65VDD
—VDD + 0.3
V
VIL
SR P Input low level CMOS Schmitt trigger
—
0.3
—
0.35VDD
VHYS CC D Input hysteresis CMOS Schmitt trigger
—
0.1VDD
——
ILKG CC P Input leakage current
—
–1
—
1
A
TA = -40°C
—
2
—
nA
TA = 25°C
—
2
—
nA
CTA = 105°C
—
12
500
nA
PTJ = 150°C
—
70
1000
nA
RON CC D Resistance of the analog switch inside the J
pad type2
2 Applies to the J pad type only.
Supply range
3.3–5 V
——
1
k
VIL
VIN
VIH
PDI = ‘1’
VDD
VHYS
(GPDI register of SIU)
PDI = ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com