Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5606S Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  MPC5606S Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 136 page
background image
MPC5606S Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
80
3.8.4
I/O pad current specification
The I/O pads are distributed across the I/O supply segment. Each I/O supply segment is associated to a VDD/VSS supply pair as
described in Table 36.
Table 37 provides I/O consumption figures.
In order to ensure device reliability, the average current of the I/O on a single segment should remain below the IAVGSEG
maximum value.
In order to ensure device functionality, the sum of the dynamic and static current of the I/O on a single segment should remain
below the IDYNSEG maximum value.
IPU
CC P Internal pull-up device current Vin=VIL
–130
—
—
A
Vin=VIH
—
—
–10
IPD
CC P Internal pull-down device
current
Vin=VIL
10
—
—
Vin=VIH
—
—
130
IIN
CC P Input leakage current
—
-1
—
1
RDSONH CC C SMD pad driver active high
impedance
IOH
 –30 mA2
——
16
RDSONL
CC C SMD pad driver active low
impedance
IOL
 30 mA2
——
16
VOMATCH CC P Output driver matching
VOH /VOL
IOH /IOL  30 mA
2
——
90
mV
1 VDD = 5.0 V ±10%, Tj = -40 to 150 °C.
2 VDD = 5.0 V ±10%, Tj = -40 to 130 °C.
Table 36. I/O supply segment
Package
Supply segment
A1
1 LCD pad segment containing pad supplies V
DDE_A
B2
2 Miscellaneous pad segment containing pad supplies V
DDE_B
C3,4
3 ADC pad segment containing pad supplies V
DDE_C
4 V
DDE_C should be the same as VDDA with a 100 mV variation, i.e., VDDE_C = VDDA 100 mV.
D5
5 Stepper Motor pad segment containing I/O supplies V
DDMA, VDDMB, VDDMC
E6
6 Miscellaneous pad segment containing pad supplies V
DDE_E
144 LQFP
pins 1–21
pins 113–144
pins 22– 52
pins 53–72
pins 73–102
pins 103–112
176 LQFP
pins 1–21
pins 143–176
pins 22–68
pins 69–88
pins 89–118
pins 119–142
Table 35. SMD pad electrical characteristics (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com