Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5606S Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  MPC5606S Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 136 page
background image
MPC5606S Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
9
Table 2 summarizes the operating modes of MPC5606S devices.
Table 2. Operating mode summary1
1 Table Key:
On- Powered and clocked
OP- Optionally configurable to be enabled or disabled (clock gated)
CG- Clock Gated, Powered but clock stopped
Off- Powered off and clock gated
FP- VREG Full Performance mode
LP- VREG Low Power mode, reduced output capability of VREG but lower power consumption
Var- Variable duration, based on the required reconfiguration and execution clock speed
BAM- Boot Assist Module Software and Hardware used for device start-up and configuration
Operating modes:
RUN
HALT
STOP
STANDBY
POR
SoC features
Core
On
CG
CG
Off
Off
—
Peripherals
OP
OP
CG
Off2
2 The LCD can optionally be kept running while the device is in STANDBY mode
Off
—
Flash memory
OP
OP
CG
Off
Off
—
SRAM
On
On
CG
CG3
3 All of the RAM content is retained, but not accessible in STANDBY mode
8KB4
4 8 KB of the RAM content is retained, but not accessible in STANDBY mode
—
Graphics RAM
On
On
CG
Off
Off
—
Clock sources
Main PLL
OP
OP
CG
Off
Off
—
Auxiliary PLL
OP
OP
CG
Off
Off
—
16 MHz IRC
On
On
OPOPOP
—
X OSC
OPOPOPOPOP
—
128 kHz IRC
OnOnOnOnOn
—
32 KHz XOSC
OP
OP
OP
OP
OP
—
Periodic Wake-up
—
OP
OP
OP
OP
—
Wake-up input
—
OP
OP
OP
OP
—
VREG mode
FP
FP
LP
LP
LP
—
Wakeup times5
VREG start-up
—
—
50
s
250 µs
50 µs
250 µs6
IRC wake-up
—
—
4 µs
4 µs
8 µs
8 µs
Flash memory
recovery
—
—
20 µs
100 µs
100 µs
100 µs
OSC stabilization
—
—
1 ms
1 ms
1 ms
1 ms
PLL lock
—
—
200 µs
200 µs
200 µs
200 µs
S/W reconfig
—
—
—
Var
Var
—
Mode switch over
—
TBD
24 µs
28 µs
28 µs
BAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com