Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5606S Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  MPC5606S Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 136 page
background image
MPC5606S Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
60
VLCD
SR C Voltage on VLCD (LCD supply) pin with
respect to VSS
—0
VDDE_A + 0.3
V
TVDD
SR C VDD slope to ensure correct power up
—
5
10–6
0.25
V/µs
TA
SR C Ambient temperature under bias
—
40
105
°C
TJ
SR C Junction temperature under bias
40
150
1 100 nF capacitance needs to be provided between V
DDA/VSSA pair.
2 At least 10 µF capacitance must be connected between V
DDR and VSS. This is required because of sharp surge
due to external ballast.
3 V
DD refers collectively to I/O voltage supplies, i.e., VDDE_A, VDDE_B, VDDE_C, VDDE_E, VDDMA, VDDMB and VDDMC.
4 100 nF capacitance needs to be provided between each V
DD/VSS pair
5 Full electrical specification cannot be guaranteed when voltage drops below 3.0 V. In particular, ADC electrical
characteristics and I/O’s DC electrical specification may not be guaranteed.
When voltage drops below VLVDHVL device is reset.
6 V
SS refers collectively to I/O voltage supply grounds, i.e., VSSE_A, VSSE_B, VSSE_C, VSSE_E, VSSMA, VSSMB and
VSSMC) unless otherwise noted.
Table 16. Recommended operating conditions (5.0 V)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max
VDDA
1
SR C Voltage on VDDA pin (ADC reference) with
respect to ground (VSS)
—4.5
5.5
V
C
Voltage drop2
3.0
5.5
C
Relative to
VDDE_C
VDD  0.1
VDD + 0.1
VSSA
SR C Voltage on VSSA (ADC reference) pin with
respect VSS
—VSS  0.1
VSS + 0.1
V
VSSPLL SR C Voltage on VSSPLL pin with respect to
VSS12
—0
0
V
VDDR
3
SR C Voltage on VDDR pin (regulator supply) with
respect to ground (VSSR)
—4.5
5.5
V
C
Voltage drop2
3.0
5.5
C
Relative to VDD
VDD  0.1
VDD + 0.1
VSSR
SR C Voltage on VSSR (regulator ground) pin with
respect to VSS12
—0
0
V
VSS12
CC C Voltage on VSS12 pin with respect to VSS
—VSS  0.1
VSS + 0.1
V
VDD
4,5
SR C Voltage on VDD pins (VDDE_A, VDDE_B,
VDDE_C, VDDE_E, VDDMA, VDDMB,
VDDMC) with respect to ground (VSS)
Voltage drop2
4.5
5.5
V
VSS
6
SR C I/O supply ground
—
0
0
V
VDDE_A SR C Voltage on VDDE_A (I/O supply) pin with
respect to ground (VSSE_A)
—4.5
5.5
V
Table 15. Recommended operating conditions (3.3 V) (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com