Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5606S Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  MPC5606S Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 136 page
background image
MPC5606S Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
14
•
All peripheral pins can be alternatively configured as both general purpose input or output pins except ADC channels
which support alternative configuration as general purpose inputs
•
Direct readback of the pin value supported on all digital output pins through the SIU
•
Configurable digital input filter that can be applied to up to 14 general purpose input pins for noise elimination on
external interrupts
•
Register configuration protected against change with soft lock for temporary guard or hard lock to prevent
modification until next reset.
1.6.9
Flash memory
The MPC5606S microcontroller has the following flash memory features:
•
Up to 1 MB of burst flash memory
— Typical flash memory access time: 0 wait-state for buffer hits, 2 wait-states for page buffer miss at 64 MHz
—Two 4
128-bit page buffers with programmable prefetch control
–
1 set of page buffers can be allocated for code-only, fixed partitions of code and data, all available for any
access
–
1 set of page buffers allocated to Display Controller Unit and the eDMA
— 64-bit ECC with single-bit correction, double-bit detection for data integrity
— 64 KB data flash memory — separate 4
16 KB flash block for EEPROM emulation with prefetch buffer and
128-bit data access port
•
Small block flash memory arrangement to support features such as boot block, operating system block
•
Hardware managed flash memory writes, erase and verify sequence
•
Censorship protection scheme to prevent flash memory content visibility
•
Separate dedicated 64 KB data flash memory for EEPROM emulation
— 4 erase sectors each containing 16 KB of memory
— Offers Read-While-Write functionality from main program space
— Same data retention and program erase specification as main program flash memory array
1.6.10
SRAM
The MPC5606S microcontrollers have up to 48 KB general-purpose on-chip SRAM with the following features:
•
Typical SRAM access time: 0 wait-state for reads and 32-bit writes; 1 wait-state for 8- and 16-bit writes if back to back
with a read to same memory block
•
32-bit ECC with single-bit correction, double bit detection for data integrity
•
Supports byte (8-bit), half word (16-bit), and word (32-bit) writes for optimal use of memory
•
User transparent ECC encoding and decoding for byte, half word, and word accesses
•
Separate internal power domain applied to full SRAM block, 8 KB SRAM block during STANDBY modes to retain
contents during low power mode.
1.6.11
On-chip graphics SRAM
The MPC5606S microcontroller has 160 KB on-chip graphics SRAM with the following features:
•
Usable as general purpose SRAM
•
Typical SRAM access time: 0 wait-state for reads and 32-bit writes
•
Supports byte (8-bit), half word (16-bit), and word (32-bit) writes for optimal use of memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com