Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5606S Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  MPC5606S Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 136 page
background image
MPC5606S Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
16
•
Selectable clock source from the primary FMPLL, auxiliary FMPLL, external 4–16 MHz oscillator or the 16 MHz
internal RC oscillator.
The channel configuration options for the 16-channel eMIOS module are summarized in Table 3.
The channel configuration options for the 8-channel eMIOS module are summarized in Table 4.
1.6.15
Analog-to-Digital Converter (ADC)
The ADC features the following:
•
10-bit A/D resolution
•
0 to 5 V common mode conversion range
•
Supports conversions speeds of up to 1
s
•
16 internal and 8 external channels support
Table 3. 16-Channel eMIOS module channel configuration
Channel mode
Channel number
8
IC/OC
Counter
9–15
IC/OC
16
PWM
Counter
17–22
PWM
23
PWM
Counter
General Purpose Input/Output
XXXXX
Single Action Input Capture
XXXXX
Single Action Output Compare
XXXXX
Modulus Counter Buffered1
1 Modulus up and down counters to support driving local and global counter busses
XXX
Output Pulse Width and Frequency Modulation
Buffered
XXX
Output Pulse Width Modulation Buffered
X
X
X
Table 4. 8-Channel eMIOS module channel configuration
Channel mode
Channel number
16
PWM
Counter
17–22
PWM
23
PWM
Counter
General Purpose Input/Output
X
X
X
Single Action Input Capture
X
X
X
Single Action Output Compare
X
X
X
Modulus Counter Buffered1
1 Modulus up and down counters to support driving local and global counter busses
XX
Output Pulse Width and Frequency Modulation
Buffered
XXX
Output Pulse Width Modulation Buffered
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com