Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5606S Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  MPC5606S Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 136 page
background image
MPC5606S Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
7
•
Real Time Counter (RTC) with multiple clock sources:
— 128 kHz slow internal RC oscillator or 16 MHz fast internal RC oscillator supporting autonomous wakeup with
1 ms resolution with maximum timeout of 2 seconds
— 32 KHz slow external crystal oscillator, supporting wakeup with 1 s resolution and maximum timeout of one hour
— 4–16 MHz fast external crystal oscillator
•
System timers:
— 4-channel 32-bit System Timer Module (STM)—included in processor platform
— 4-channel 32-bit Periodic Interrupt Timer (PIT) module
— Software Watchdog Timer (SWT)
•
System Integration Unit (SIU) module to manage resets, external interrupts, GPIO and pad control
•
System Status and Configuration Module (SSCM) to provide information for identification of the device, last boot
mode, or debug status and provides an entry point for the censorship password mechanism
•
Clock Generation Module (MC_CGM) to generate system clock sources and provide a unified register interface,
enabling access to all clock sources
•
Clock Monitor Unit (CMU) to monitor the integrity of the main crystal oscillator and the PLL and act as a frequency
meter, measuring the frequency of one clock source and comparing it to a reference clock
•
Mode Entry Module (MC_ME) to control the device power mode, i.e., RUN, HALT, STOP, or STANDBY, control
mode transition sequences, and manage the power control, voltage regulator, clock generation and clock management
modules
•
Reset Generation Module (MC_RGM) to manage reset assertion and release to the device at initial power-up
•
Nexus development interface (NDI) per IEEE-ISTO 5001-2003 Class Two Plus standard
•
Device/board boundary-scan testing supported per Joint Test Action Group (JTAG) of IEEE (IEEE 1149.1)
•
On-chip voltage regulator controller for regulating the 3.3 or 5 V supply voltage down to 1.2 V for core logic (requires
external ballast transistor)
•
The MPC5606S microcontrollers are offered in the following packages:
1
— 144 LQFP, 0.5 mm pitch, 20 mm
 20 mm outline
— 176 LQFP, 0.5 mm pitch, 24 mm
 24 mm outline
— 208 MAPBGA, 1.0 mm pitch, 17 mm
 17 mm outline (not a production package; available in limited quantities
for tool development only)
1.6
Details
1.6.1
Low-power operation
MPC5606S devices are designed for optimized low-power operation and dynamic power management of the core processor and
peripherals. Power management features include software-controlled clock gating of peripherals and multiple power domains
to minimize leakage in low-power modes.
There are two static low-power modes, STANDBY and STOP, and two dynamic power modes—RUN and HALT. Both low
power modes use clock gating to halt the clock for all or part of the device. The STANDBY mode also uses power gating to
automatically turn off the power supply to parts of the device to minimize leakage.
STANDBY mode turns off the power to the majority of the chip to offer the lowest power consumption mode. The contents of
the cores, on-chip peripheral registers and potentially some of the volatile memory are lost. STANDBY mode is configurable
to make certain features available with the disadvantage that these consume additional current:
•
It is possible to retain the contents of the full RAM or only 8 KB.
1. See the device comparison table or orderable parts summary for package offerings for each device in the family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com