Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5606S Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  MPC5606S Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 136 page
background image
MPC5606S Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
57
3.4
Absolute maximum ratings
Table 14. Absolute maximum ratings
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max
VDDA
SR C Voltage on VDDA pin (ADC reference) with
respect to ground (VSSA)
—
0.3
6.0
V
VSSA
SR C Voltage on VSSA (ADC reference) pin with
respect to VSS
—VSS  0.1
VSS + 0.1
V
VDDPLL
CC C Voltage on VDDPLL (1.2 V PLL supply) pin with
respect to ground (VSSPLL)
—-0.1
1.4
V
VSSPLL
SR C Voltage on VSSPLL pin with respect to VSS12
—VSS12  0.1 VSS12 + 0.1
V
VDDR
SR C Voltage on VDDR pin (regulator supply) with
respect to ground (VSSR)
—
0.3
6.0
V
VSSR
SR C Voltage on VSSR (regulator ground) pin with
respect to VSS
—VSS  0.1
VSS + 0.1
V
VDD12
CC C Voltage on VDD12 pin with respect to ground
(VSS12)
—-0.1
1.4
V
VSS12
CC C Voltage on VSS12 pin with respect to VSS
—VSS  0.1
VSS + 0.1
V
VDDE_A
1
SR C Voltage on VDDE_A (I/O supply) pin with
respect to ground (VSSE_A)
—
0.3
6.0
V
VDDE_B
1
SR C Voltage on VDDE_B (I/O supply) pin with
respect to ground (VSSE_B)
—
0.3
6.0
V
VDDE_C
1
SR C Voltage on VDDE_C (I/O supply) pin with
respect to ground (VSSE_C)
—
0.3
6.0
V
VDDE_E
1
SR C Voltage on VDDE_E (I/O supply) pin with
respect to ground (VSSE_E)
—
0.3
6.0
V
VDDMA
1
SR C Voltage on VDDMA (stepper motor supply) pin
with respect to ground (VSSMA)
—
0.3
6.0
V
VDDMB
1
VDDMC
1
SR C Voltage on VDDMB/C (stepper motor supply)
pin with respect to ground (VSSMB)
—
0.3
6.0
V
VSS
2
SR C I/O supply ground
—
0
0
V
VSSOSC
SR C Voltage on VSSOSC (oscillator ground) pin with
respect to VSS
—VSS  0.1
VSS + 0.1
V
VLCD
SR C Voltage on VLCD (LCD supply) pin with respect
to VSS
—0
VDDE_A + 0.3
V
VIN
SR C Voltage on any GPIO pin with respect to ground
(VSS)
—
0.3
6.0
V
C
Relative to VDD
0.3
VDD + 0.3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com