Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5606S Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  MPC5606S Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 136 page
background image
MPC5606S Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
69
SR C External decoupling/stability capacitor
4 capacitances of
10 µF each
10
 4—10  4µF
C
ESR of external cap
0.1
—
0.6
ohm
C
1 bond wire R + 1 pad
R
0.2
—
1
ohm
LBOND CC D Bonding Inductance for Bipolar Base Control pad
—
0—
15
nH
CC D Power supply rejection
@ DC @ no load
CL =10µF  4—
—
55
dB
D
any frequency @ no load
32
D
@ DC @ max load
24
D
any frequency @ max
load
12
CC D Load current transient
CL =10µF  4
—
—
10% to 90% of
IL in 10 s
tSU
CC C Start-up time after input supply stabilizes2
CL =10µF  4
—
—
700
µs
1 On this device, the ultra-low-power regulator is always enabled when the low-power regulator is enabled. Therefore, the total
low-power current capacity is the sum of IL values for the two regulators.
2 Time after the input supply to the voltage regulator has ramped up (V
DDR) and the voltage regulator has asserted the Power
OK signal.
Table 25. Ultra-low-power voltage regulator electrical characteristics
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
TJ
SR C Junction temperature
—
40
—
150
°C
IREG CC C Current consumption
Reference included,
@ 55 °C No load
@ Full load
——
2
100
A
IL
CC C Output current capacity
DC load current
—
—
5
mA
VDD12 CC C Output voltage (value @ IL = 0 @ 27 °C)
Pre-trimming sigma <
7mV
—1.33—
V
Post-trimming
1.14
1.24
1.32
Table 24. Low-power voltage regulator electrical characteristics (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com