Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 223 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 223 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 219Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 220Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 221Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 222Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 223Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 224Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 225Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 226Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 227Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 223
PIC32MX5XX/6XX/7XX
TABLE 31-42: OTG ELECTRICAL SPECIFICATIONS
AC CHARACTERISTICS
Standard Operating Conditions: 2.3V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+85°C for Industrial
-40°C
≤TA ≤+105°C for V-Temp
Param.
No.
Symbol
Characteristics(1)
Min.
Typical
Max.
Units
Conditions
USB313 VUSB
USB Voltage
3.0
—
3.6
V
Voltage on VUSB must
be in this range for
proper USB operation
USB315 VILUSB
Input Low Voltage for USB Buffer
—
—
0.8
V
—
USB316 VIHUSB
Input High Voltage for USB Buffer
2.0
—
—
V
—
USB318 VDIFS
Differential Input Sensitivity
—
—
0.2
V
The difference
between D+ and D-
must exceed this value
while VCM is met
USB319 VCM
Differential Common Mode Range
0.8
—
2.5
V
—
USB320 ZOUT
Driver Output Impedance
28.0
—
44.0
Ω
—
USB321 VOL
Voltage Output Low
0.0
—
0.3
V
14.25 k
Ω load
connected to 3.6V
USB322 VOH
Voltage Output High
2.8
—
3.6
V
14.25 k
Ω load
connected to ground
Note 1:
These parameters are characterized, but not tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com