Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 224 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 224 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 220Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 221Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 222Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 223Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 224Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 225Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 226Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 227Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 228Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 256 page
background image
PIC32MX5XX/6XX/7XX
DS61156G-page 224
© 2009-2011 Microchip Technology Inc.
FIGURE 31-24:
EJTAG TIMING CHARACTERISTICS
TTCKeye
TTCKhigh
TTCKlow
Trf
Trf
Trf
Trf
TTsetup TThold
TTDOout
TTDOzstate
Defined
Undefined
TTRST*low
Trf
TCK
TDO
TRST*
TDI
TMS
TABLE 31-43: EJTAG TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 2.3V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+85°C for Industrial
-40°C
≤TA ≤+105°C for V-Temp
Param.
No.
Symbol
Description(1)
Min.
Max.
Units
Conditions
EJ1
TTCKCYC
TCK Cycle Time
25
—
ns
—
EJ2
TTCKHIGH
TCK High Time
10
—
ns
—
EJ3
TTCKLOW
TCK Low Time
10
—
ns
—
EJ4
TTSETUP
TAP Signals Setup Time Before
Rising TCK
5—
ns
—
EJ5
TTHOLD
TAP Signals Hold Time After
Rising TCK
3—
ns
—
EJ6
TTDOOUT
TDO Output Delay Time from
Falling TCK
—5
ns
—
EJ7
TTDOZSTATE TDO 3-State Delay Time from
Falling TCK
—5
ns
—
EJ8
TTRSTLOW
TRST Low Time
25
—
ns
—
EJ9
TRF
TAP Signals Rise/Fall Time, All
Input and Output
——
ns
—
Note 1:
These parameters are characterized, but not tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com