Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33663 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # 33663
Description  LIN 2.1 / SAEJ2602-2 Dual LIN Physical Layer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33663 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button 33663 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
25
33663
FUNCTIONAL DESCRIPTION
INTRODUCTION
FUNCTIONAL DESCRIPTION
INTRODUCTION
The 33663L and 33663J are both a Physical Layer component dedicated to automotive LIN sub-bus applications.
The 33663L features include a 20 kbps baud rate and the 33663J a 10 kbps baud rate. Both integrate fast baud rate for test
and programming modes, excellent ESD robustness, immunity against disturbance, and radiated emission performance. They
have safe behavior, in case of a LIN bus short-to-ground, or a LIN bus leakage during low power mode.
Digital inputs are 5.0 and 3.3 V compatible without any external required components.
The INH1 and INH2 outputs may be used to control an external voltage regulator, or to drive a LIN bus pull-up resistor.
FUNCTIONAL PIN DESCRIPTION
POWER SUPPLY PIN (VSUP)
The VSUP supply pin is the power supply pin for the 33663L or 33663J. In an application, the pin is connected to a battery
through a serial diode, for reverse battery protection. The DC operating voltage is from 7.0 to 18 V. This pin sustains standard
automotive condition, such as 40 V during load dump. To avoid a false bus message, an under-voltage on VSUP disables the
transmission path (from TXD to LIN) when VSUP falls below 6.7 V. Supply current in the Sleep mode is typically 6.0 A for one
LIN Module.
GROUND PIN (GND)
In case of a ground disconnection at the module level, the 33663L and 33663J do not have significant current consumption
on the LIN bus pin when in the recessive state.
LIN BUS PIN (LIN1, LIN2)
The LIN1 and LIN2 pins represent the single-wire bus transmitter and receiver. It is suited for automotive bus systems, and is
compliant to the LIN bus specification 1.3, 2.0, 2.1, and SAEJ2602-2.
The LIN interface is only active during Normal mode.
Transmitter Characteristics
The LIN driver is a low side MOSFET with internal over-current thermal shutdown. An internal pull-up resistor with a serial
diode structure is integrated, so no external pull-up components are required for the application in a slave node. An additional
pull-up resistor of 1.0 k
 must be added when the interface is used in the master node.
The LIN pin exhibits no reverse current from the LIN bus line to VSUP, even in the event of a GND shift or VSUP disconnection.
The 33663 is tested according to the application conditions (i.e. in normal mode and recessive state during communication).
The transmitter has a 20 kbps baud rate (Normal baud rate) for the 33663L and 33663S devices, or 10 kbps baud rate (Slow
baud rate) for the 33663J device.
TXD
RXD
35µA
LIN Driver
LIN
VSUP
EN_sleep
INH_ON
Slope Control
Receiver
725 k
30 k
INH
LIN Undervoltage
LIN overtemperature
TXD Dominant
LIN Wake up
EN
X 1
INH overtemperature
INH switched off &
LIN transmitter and receiver disabled
OR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com