Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33663 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # 33663
Description  LIN 2.1 / SAEJ2602-2 Dual LIN Physical Layer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33663 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button 33663 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
Analog Integrated Circuit Device Data
30
Freescale Semiconductor
33663
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
FAIL-SAFE FEATURES
Tables 7 describes the 33663 protections.
Table 7. Fail Safe Features
BLOCK
FAULT
FUNCTIONA
L MODE
CONDITION
FALLOUT
RECOVERY
CONDITION
RECOVERY
FUNCTIONALITY
MODE
Power
Supply
Power on Reset
(POR)
All modes
VSUP < 3.5 V (min) then
power up
No internal supplies
Condition
gone
Device goes in Awake
mode whatever the
previous device mode
INH1
INH2
INH1 AND/OR
INH2 Thermal
Shutdown.
Each LIN Module
has its own INH
Thermal
Shutdown.
For the failed
LIN Module:
Normal,
Awake &
Preparation to
Sleep modes
Temperature > 160 °C
(typ)
INH high side of the
failed LIN Module turned
off and its LIN
transmitter and receiver
in recessive State
Condition
gone
LIN Module returns in
same functional mode
LIN1
LIN2
VSUP under-
voltage
Normal
VSUP < VUVL
Both LIN transmitters in
recessive state
Condition
gone
Device returns in same
functional mode
TXD1 AND/OR
TXD2 Pins
Permanent
Dominant
TXD pin low for more than
5.0 ms (typ)
LIN transmitter of the
failed LIN Module in
recessive state
Condition
gone
LIN Module returns in
same functional mode
LIN1 AND/OR
LIN2 Thermal
Shutdown.
Each LIN Module
has its own LIN
Thermal
Shutdown.
Normal mode
Temperature > 160 °C
(typ)
LIN transmitter and
receiver of the failed LIN
Module in recessive
state and its INH high
side turned off
Condition
gone
LIN Module returns in
same functional mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com