Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33663 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # 33663
Description  LIN 2.1 / SAEJ2602-2 Dual LIN Physical Layer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33663 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button 33663 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
27
33663
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
ENABLE INPUT PINS (EN1, EN2)
EN1 (EN2) input pin controls the operation mode of the interface. If EN1 (EN2) = 1, the interface is in Normal mode, TXD1
(TXD2) to LIN1 (LIN2) after tFIRS_DOM delay and LIN1 (LIN2) to RXD1 (RXD2) paths are both active. EN1 (EN2) pin thresholds are
3.3 V and 5.0 V compatible. RXD1 (RXD2) VOH level follows EN1 (EN2) pin high level. One LIN Module enters the Sleep Mode
by setting EN1 (EN2) LOW for a delay higher than tSD (70 µs typ. value) and if the WAKE1 (WAKE2) pin state doesn’t change
during this delay. (see Figure 22). Both LIN Modules enter Sleep Mode if EN1 & EN2 LOW.
A combination of the logic levels on EN1 (EN2) and TXD1 (TXD2) pins allows the device to enter in Fast Baud Rate mode of
operation (see Figure 19).
INHIBIT OUTPUT PINS (INH1, INH2)
The INH1 (INH2) output pin is connected to an internal high side power MOSFET. The pin has two possible main functions. It
can be used to control an external switchable voltage regulator having an inhibit input. It can also be used to drive the LIN bus
external resistor in the master node application, thanks to its high drive capability. This is illustrated in Figure 26.
In Sleep mode, INH1 (INH2) is turned OFF. If a voltage regulator inhibit input is connected to INH1 (INH2), the regulator will
be disabled. If the master node pull-up resistor is connected to INH1 (INH2), the pull-up resistor will be unpowered and left
floating.
In case of a INH1 (INH2) thermal shutdown, the high side is turned off and the LIN1 (LIN2) transmitter and receiver are in
recessive state. An external 10 to 100 pF capacitor on INH1 (INH2) pin is advised in order to improve EMC performances.
WAKE INPUT PINS (WAKE1, WAKE2)
The WAKE1 (WAKE2) pin is a high-voltage input used to wake-up the device from the Sleep mode. WAKE1 (WAKE2) is
usually connected to an external switch in the application.
The WAKE1 (WAKE2) pin has a special design structure and allows wake-up from both HIGH to LOW or LOW to HIGH
transitions. When entering into Sleep mode, the corresponded LIN Module monitors the state of its WAKE pin and stores it as a
reference state. The opposite state of this reference state will be the wake-up event used by the LIN Module to enter again into
Normal mode.
If the WAKE1 (WAKE2) pin state changes during the Sleep mode Delay Time (tSD) or before EN1 (EN2) goes low with a
deglitcher lower than tWF, the LIN Module will not enter in Sleep mode, but will go into Awake mode (See Figure 23).
An internal filter is implemented to avoid false wake-up event due to parasitic pulses (See Figure 16). WAKE1 (WAKE2) pin
input structure exhibits a high-impedance, with extremely low input current when voltage at this pin is below 27 V. Two serial
resistors should be inserted in order to limit the input current mainly during transient pulses and ESD. The total recommended
resistor value is 33 k
. An external 10 to 100 nF capacitor is advised for better EMC and ESD performances.
Important The WAKE1 (WAKE2) pin should not be left open. If the wake-up function is not used, WAKE1 (WAKE2) should
be connected to ground to avoid a false wake-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com