Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33663 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # 33663
Description  LIN 2.1 / SAEJ2602-2 Dual LIN Physical Layer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33663 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button 33663 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
29
33663
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
In Sleep mode, the transmission path is disabled and the LIN Module 1 is in Low Power mode. Supply current from VSUP is
very low. Wake-up can occur from LIN1 bus activity, from the EN1 pin and from the WAKE1 input pin. If during the preparation
to Sleep mode delay (tSD), the LIN1 bus goes low due to LIN1 network communication, the LIN Module 1 still enters Sleep mode.
The LIN Module 1 can be awakened by a recessive to dominant start, followed by a dominant to recessive state after t > tWUF.
After a wake-up event, the LIN Module 1 enters into Awake mode. In Sleep mode, the LIN Module 1 internal 725 kOhm pull-
up resistor is connected and the 30 kOhm is disconnected.
DEVICE POWER-UP (Awake Transitional Mode)
At power-up (VSUP rises from zero), when VSUP is above the Power-On Reset voltage, both LIN Modules automatically switch
after a 160 µs delay time to the Awake transitional mode. Both INH pins (INH1 and INH2) go to a HIGH state and RXD1and RXD2
to a LOW state. See Figure 21.
DEVICE WAKE-UP EVENTS
The 33663L, 33663J and 33663S can be awakened from Sleep mode by three wake-up events:
• Remote wake-up via LIN1 and/or LIN2 bus activity
• Via the EN1 and/or EN2 pin
• Toggling the WAKE1 and/or WAKE2 pin
Remote Wake from LIN1, LIN2 Bus (Awake Transitional Mode)
Each LIN Transceiver is awakened by its LIN dominant pulse longer than tWUF. Dominant pulse means: a recessive to
dominant transition, wait for t > tWUF, then a dominant to recessive transition. This is illustrated in Figure 15. Once the wake-up
is detected (during the dominant to recessive transition), the LIN Module waken up by its LIN enters into Awake mode, with its
INH HIGH and RXD pulled LOW.
Once in the Awake mode, its EN pin has to be set to 3.3 V or 5.0 V (depending on the system) to enter into Normal mode.
Once in Normal mode, the LIN Module has to wait tFIRST_DOM delay before transmitting the first dominant bit.
Wake-up from EN1, EN2 pins
Each LIN Module can be awakened by a LOW to HIGH transition of its EN pin. When EN is switched from LOW to HIGH and
stays HIGH for a delay higher than tLWUE, the LIN Module is awakened and enters into Normal mode. See Figure 14. Once in
Normal mode, the LIN Module has to wait tFIRST_DOM delay before transmitting the first dominant bit.
Wake-up from WAKE1, WAKE2 Pins (Awake Transitional Mode)
Just before entering the Sleep mode, the WAKE pin state of the concerned LIN Module is stored. A change in the level longer
than the deglitcher time (70 µs maximum) will generate a wake-up, and the LIN Module enters into the Awake Transitional mode,
with its INH HIGH and RXD pulled LOW. See Figure 16. The LIN Module goes into Normal mode when its EN is switched from
LOW to HIGH and stays HIGH for a delay higher than tLWUE. Once in Normal mode, the LIN Module has to wait tFIRST_DOM delay
before transmitting the first dominant bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com