Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33663 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33663
Description  LIN 2.1 / SAEJ2602-2 Dual LIN Physical Layer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33663 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33663 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33663
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL RATINGS
ESD Capability
AECQ100
Human Body Model - JESD22/A114 (CZAP = 100 pF, RZAP = 1500 )
LIN1, LIN2 pins versus GND
WAKE1, WAKE2 pins versus GND
INH1, INH2 pins versus GND
All other Pins
Charge Device Model - JESD22/C101 (CZAP = 4.0 pF
Corner pins (Pins 1, 7, 8 and 14)
All other pins (Pins 2-6, 9-13)
Machine Model - JESD22/A115 (CZAP = 220 pF, RZAP = 0 )
All pins
According to “Hardware Requirements for LIN, CAN and Flexray Interfaces in
Automotive Applications” specification Rev1.1 / December 2nd, 2009
(CZAP = 150 pF, RZAP = 330 )
Contact Discharge, Unpowered
LIN1, LIN2 pins without capacitor
LIN1, LIN2 pins with 220 pF capacitor
VSUP (10 µF to ground)
WAKE1, WAKE2 (2*18 k
 serial resistor)
LIN1, LIN2 pins with 220 pF capacitor and indirect ESD coupling
(according to ISO10605 - Annex F)
According to ISO10605 - Rev 2008 test specification
(2.0 k
 / 150 pF) - Unpowered - Contact discharge
LIN1, LIN2 pins without capacitor
LIN1, LIN2 pins with 220 pF capacitor
VSUP (10 µF to ground)
WAKE1, WAKE2 (2*18 k
 serial resistor)
(2.0 k
 / 330 pF) - Powered - Contact discharge
LIN1, LIN2 pins without capacitor
LIN1, LIN2 pins with 220 pF capacitor
VSUP (10 µF to ground)
WAKE1, WAKE2 (2*18 k
 serial resistor)
VESD1-1
VESD1-2
VESD1-3
VESD1-4
VESD2-1
VESD2-2
VESD3-1
VESD4-1
VESD4-2
VESD4-3
VESD4-4
VESD4-5
VESD5-1
VESD5-2
VESD5-3
VESD5-4
VESD6-1
VESD6-2
VESD6-3
VESD6-4
±10.0 k
±8.0 k
±8.0 k
±4.0 k
±750
±750
±200
±15 k
±15 k
±25 k
±20 k
±15 k
±25 k
±25 k
±25 k
±25 k
±8 k
±8 k
±25 k
±25 k
V
Table 3. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com