Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33663 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 33663
Description  LIN 2.1 / SAEJ2602-2 Dual LIN Physical Layer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33663 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 33663 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
Analog Integrated Circuit Device Data
14
Freescale Semiconductor
33663
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTIC
DYNAMIC ELECTRICAL CHARACTERISTIC
Table 6. Dynamic Electrical Characteristics
Characteristics noted under conditions 7.0 V
 VSUP  18 V, -40 C  TA  125 C, GND = 0 V, unless otherwise noted.
Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
LIN1, LIN2 PHYSICAL LAYER
DRIVERS CHARACTERISTICS FOR NORMAL SLEW RATE - 20.0 KBIT/SEC ACCORDING TO LIN PHYSICAL LAYER
SPECIFICATION(16)(17)
33663L AND 33663S DEVICE
Duty Cycle 1:
THREC(MAX) = 0.744 * VSUP; THDOM(MAX) = 0.581 * VSUP
D1 = tBUS_REC(MIN)/(2 x tBIT), tBIT = 50 µs, 7.0 V VSUP18 V
D1
0.396
–
–
Duty Cycle 2:
THREC(MIN) = 0.422 * VSUP; THDOM(MIN) = 0.284 * VSUP
D2 = tBUS_REC(MAX)/(2 x tBIT), tBIT = 50 µs, 7.6 V VSUP18 V
D2
–
–
0.581
LIN1, LIN2 PHYSICAL LAYER
DRIVERS CHARACTERISTICS FOR SLOW SLEW RATE - 10.4 KBIT/SEC ACCORDING TO LIN PHYSICAL LAYER
SPECIFICATION(16)(18)
33663J DEVICE
Duty Cycle 3:
THREC(MAX) = 0.778 * VSUP; THDOM(MAX) = 0.616 * VSUP
D3 = tBUS_REC(MIN)/(2 x tBIT), tBIT = 96 µs, 7.0 V VSUP18 V
D3
0.417
–
–
Duty Cycle 4:
THREC(MIN) = 0.389 * VSUP; THDOM(MIN) = 0.251 * VSUP
D4 = tBUS_REC(MAX)/(2 x tBIT), tBIT = 96 µs, 7.6 V VSUP18 V
D4
–
–
0.590
LIN1, LIN2 PHYSICAL LAYER - DRIVERS CHARACTERISTICS FOR FAST SLEW RATE
Fast Bit Rate (Programming Mode)
BRFAST
–
–
100
kBit/s
LIN1, LIN2 PHYSICAL LAYER - TRANSMITTER CHARACTERISTICS FOR NORMAL SLEW RATE - 20.0 KBIT/SEC(19)
33663S DEVICE
Symmetry of Transmitter delay(20)
tTRAN_SYM = MAX (tTRAN_SYM60%, tTRAN_SYM40%)
tTRAN_SYM60% = | tTRAN_PDF60% - tTRAN_PDR60% |
tTRAN_SYM40% = | tTRAN_PDF40% - tTRAN_PDR40% |
tTRAN_SYM
-7.25
–
7.25
s
Notes
16.
Bus load RBUS and CBUS 1.0 nF / 1.0 k, 6.8 nF / 660, 10 nF / 500 . Measurement thresholds: 50% of TXD signal to LIN signal
threshold defined at each parameter. See Figure 8.
17.
See Figure 9
18.
See Figure 10
19.
VSUP from 7.0 to 18 V, bus load RBUS and CBUS 1.0 nF / 1.0 k, 6.8 nF / 660 , 10 nF / 500 . Measurement thresholds: 50% of TXD
signal to LIN signal threshold defined at each parameter. See Figure 8.
20.
See Figure 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com