Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33663 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # 33663
Description  LIN 2.1 / SAEJ2602-2 Dual LIN Physical Layer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33663 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button 33663 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
Analog Integrated Circuit Device Data
18
Freescale Semiconductor
33663
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
Figure 11. LIN1, LIN2 Transmitter Timing for 33663S
Figure 12. LIN1, LIN2 Receiver Timing
Figure 13. LIN1, LIN2 Receiver Timing LIN Slope 1.0 V/ns
VBUSREC
VBUSDOM
VSUP
LIN BUS SIGNAL
tTRAN_PDF60%
TXD
VLIN_REC
40% VSUP
60% VSUP
tTRAN_PDF40%
tTRAN_PDR40%
tTRAN_PDR60%
VBUSREC
VBUSDOM
VSUP
LIN BUS SIGNAL
tREC_PDR
tREC_PDF
RXD
VLIN_REC
40% VSUP
60% VSUP
VBUSREC
VBUSDOM
VSUP
LIN BUS SIGNAL
tREC_PDR_FAST
tREC_PDF_FAST
RXD
VLIN_REC
40% VSUP
60% VSUP
1V/ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com